Electronic Components Datasheet Search
  English  ▼

X  

LTC2990 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2990
Description  I2C Temperature, Voltage and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2990 Datasheet(HTML) 5 Page - Linear Technology

  LTC2990 Datasheet HTML 1Page - Linear Technology LTC2990 Datasheet HTML 2Page - Linear Technology LTC2990 Datasheet HTML 3Page - Linear Technology LTC2990 Datasheet HTML 4Page - Linear Technology LTC2990 Datasheet HTML 5Page - Linear Technology LTC2990 Datasheet HTML 6Page - Linear Technology LTC2990 Datasheet HTML 7Page - Linear Technology LTC2990 Datasheet HTML 8Page - Linear Technology LTC2990 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC2990

2990f
Typical perForMance characTerisTics
Single-Ended Noise
Single-Ended Transfer Function
Single-Ended INL
LTC2990 Differential Noise
Differential Transfer Function
Differential INL
TA = 25°C, VCC = 3.3V unless otherwise noted
LSBs (305.18µV/LSB)
–3
3500
0
2990 G10
2000
1000
–2
–1
1
500
0
4000
4800 READINGS
3000
2500
1500
2
3
VX (V)
–1
4
5
2
4
2990 G11
3
2
–0
1
3
5
6
1
0
–1
6
VCC = 5V
VCC = 3.3V
LSBs (19.42µV/LSB)
–4
300
400
500
800 READINGS
–1
1
2990 G13
200
100
0
–3
–2
0
2
3
V1-V2 (V)
–0.4
0
0.2
0.4
2990 G14
–0.2
–0.4
–0.2
0
0.2
–0.3
–0.1
0.1
0.3
0.4
–0.1
0.1
–0.3
0.3
TINT Noise
Remote Diode Noise
POR Thresholds vs Temperature
(°C)
–0.75 –0.5
0
200
500
1000 READINGS
–0.25
0.25
0.5
2990 G16
100
400
300
0
0.75
(°C)
–0.75 –0.5
0
200
600
1000 READINGS
500
–0.25
0.25
0.5
2990 G17
100
400
300
0
0.75
TAMB (°C)
–50
1.8
2.2
150
2990 G18
1.4
1.0
0
50
100
–25
25
75
125
2.6
1.6
2.0
1.2
2.4
VCC RISING
VCC FALLING
VX (V)
0
–1.0
–0.5
0
0.5
1.0
1
2
3
4
2990 G12
5
VCC = 5V
VCC = 3.3V
VIN (V)
–0.4
0
1
0.4
2990 G15
–1
–2
–0.2
0
0.2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com