Electronic Components Datasheet Search
  English  ▼

X  

B3F Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # B3F
Description  Tactile Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3F Datasheet(HTML) 1 Page - Omron Electronics LLC

  B3F Datasheet HTML 1Page - Omron Electronics LLC B3F Datasheet HTML 2Page - Omron Electronics LLC B3F Datasheet HTML 3Page - Omron Electronics LLC B3F Datasheet HTML 4Page - Omron Electronics LLC B3F Datasheet HTML 5Page - Omron Electronics LLC B3F Datasheet HTML 6Page - Omron Electronics LLC B3F Datasheet HTML 7Page - Omron Electronics LLC B3F Datasheet HTML 8Page - Omron Electronics LLC B3F Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Tactile Switch
B3F
221
Tactile Switch
B3F
Miniature, Space-Saving Tactile Switch Provides
Long Service Life and Easy Mounting
• Extended mechanical/electrical service life: 10 x 106 operations for
12 x 12 mm type and 1 x 106 operations for the 6 x 6 mm type
• Ideal for applications such as audio, office and communica-
tions equipment, measuring instruments, TVs, VCRs, etc.
• Taped radial type, vertical type and high force types are available.
• Gold plated models available for increased contact reliabil-
ity, resistance to corrosive gas and insulation fault preven-
tion for ion migration in harsh environments
• RoHS Compliant
Ordering Information
■ B3F-1@@@, B3F-3@@@
6 x 6 mm type
Important Note:Switches cannot be water-washed.
Type
Plunger
Switch height
Operating force
Model
Without ground terminal With ground terminal
Bags
Bags
Standard
Flat
4.3 mm
General-purpose: 100 g
150 g
B3F-1000
B3F-1002
B3F-1100
B3F-1102
High-force:
260 g
B3F-1005
B3F-1105
5.0 mm
General-purpose: 100 g
150 g
B3F-1020
B3F-1022
B3F-1120
B3F-1122
High-force:
260 g
B3F-1025
B3F-1125
5.0 mm (7.5 mm pitch)
General-purpose: 100 g
—
B3F-1110
Projected
7.3 mm
General-purpose: 100 g
150 g
B3F-1050
B3F-1052
B3F-1150
B3F-1152
High-force:
260 g
B3F-1055
B3F-1155
Vertical
Flat
3.15 mm
General-purpose: 100 g
150 g
—
—
B3F-3100
B3F-3102
High-force:
260 g
—
B3F-3105
3.85 mm
General-purpose: 100 g
150 g
—
—
B3F-3120
B3F-3122
High-force:
260 g
—
B3F-3125
Projected
6.15 mm
General-purpose: 100 g
150 g
—
—
B3F-3150
B3F-3152
High-force:
260 g
—
B3F-3155


Similar Part No. - B3F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F OMRON-B3F Datasheet
328Kb / 5P
Mechanical Key Switch
B3F OMRON-B3F Datasheet
1Mb / 12P
Tactile Switch
B3F-1000 OMRON-B3F-1000 Datasheet
328Kb / 5P
Mechanical Key Switch
B3F-1000 OMRON-B3F-1000 Datasheet
1Mb / 12P
Tactile Switch
B3F-1000 OMRON-B3F-1000 Datasheet
1,008Kb / 9P
Tactile Switch
More results

Similar Description - B3F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
Tactile Switch
B3M OMRON-B3M Datasheet
261Kb / 4P
Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
Tactile Switch
logo
CUI INC
TS02 CUI-TS02 Datasheet
467Kb / 5P
TACTILE SWITCH
TS04 CUI-TS04 Datasheet
429Kb / 5P
TACTILE SWITCH
11/03/2021
TS05 CUI-TS05 Datasheet
470Kb / 4P
TACTILE SWITCH
09/20/2021
TS12 CUI-TS12 Datasheet
971Kb / 6P
TACTILE SWITCH
04/14/2022
TS13 CUI-TS13 Datasheet
345Kb / 4P
TACTILE SWITCH
04/13/2022
TS16 CUI-TS16 Datasheet
389Kb / 5P
TACTILE SWITCH
04/13/2022
TS19 CUI-TS19 Datasheet
424Kb / 4P
TACTILE SWITCH
05/10/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com