Electronic Components Datasheet Search
  English  ▼

X  

B3F Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # B3F
Description  Tactile Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3F Datasheet(HTML) 5 Page - Omron Electronics LLC

  B3F Datasheet HTML 1Page - Omron Electronics LLC B3F Datasheet HTML 2Page - Omron Electronics LLC B3F Datasheet HTML 3Page - Omron Electronics LLC B3F Datasheet HTML 4Page - Omron Electronics LLC B3F Datasheet HTML 5Page - Omron Electronics LLC B3F Datasheet HTML 6Page - Omron Electronics LLC B3F Datasheet HTML 7Page - Omron Electronics LLC B3F Datasheet HTML 8Page - Omron Electronics LLC B3F Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Tactile Switch
B3F
225
Dimensions
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
2. Terminal numbers are not indicated on this switch. With the switch turned over so that the logo mark “OMRON” is visible on the upper
part of the rear side of the switch base, the terminal on the right of the logo mark is numbered “1” and that on the bottom right is “3.”
Accordingly, two terminals on the left side are numbered “2” and “4” respectively.
■ 6 x 6 mm Models
Terminal Arrangement
/Internal Connections (Top View)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
*The height of B3F-1120, B3F-1122, and
B3F-1125 is 5
±0.2 mm.
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
* The height of B3F-1020, B3F-1022, B3F-1025, and B3F-1026 is 5
±0.2 mm.
Standard, Flat Plunger Type
(with Ground Terminal, Pitch: 7.5 mm)
B3F-1110
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
B3F-1100, B3F-1102, B3F-1105, B3F-1120*, B3F-1122*,
B3F-1125*, B3F-1102-G, B3F-1122-G*
Standard, Flat Plunger Type
(with Ground Terminal, Pitch: 6.5 mm)
B3F-1000, B3F-1002, B3F-1005, B3F-1020*, B3F-1022*,
B3F-1025*, B3F-1002-G, B3F-1022-G*
Standard, Flat Plunger Type
(without Ground Terminal)
6±0.2
4.3±0.2
3.5
3.4
3.5
dia.
4
2
3
1
0.7
0.7
0.3
6.5±0.5
7.7±0.5
(See note.)
6±0.2
4.5±0.2
6.5±0.1
4.5±0.1
Four, 1±0.1 dia.
4.3±0.2
3.5
6±0.2
6±0.2
1.5
0.7
6.5±0.5
7.7±0.5
6.5±0.1
4.5±0.1
4.1±0.1
Five, 1±0.05 dia.
4
2
3
5
1
3.5
dia.
0.7
0.7
0.3
0.3
(See note.)
4.5±0.2
3.4
0.3
0.3
5±0.2
3.5
0.7
7.5±0.5
9±0.5
6±0.2
6±0.2
4.5±0.2
1.5
3.5
dia.
0.7
0.7
Four,
1.2±0.05 dia.
1±0.05 dia.
7.5±0.1
4.5±0.1
4.1±0.1
4
2
3
5
1
3.4
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
Standard, Projected Plunger Type
(without Ground Terminal)
B3F-1050, B3F-1052, B3F-1055
4.3±0.2
1.8±0.1
7.3±0.2
3.5
3.4
0.3
6.5±0.5
7.7±0.5
6±0.2
6±0.2
4.5±0.2
3.5 dia.
0.7
0.7
6.5±0.1
4.5±0.2
Four,
1±0.05 dia.
2.4 2.4±0.1
4
2
3
1
B3F-1150, B3F-1152, B3F-1155
Standard, Projected Plunger Type
(with Ground Terminal)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/
Internal Connections
(Top View)
0.3
2.4 2.4±0.1
4.3±0.2
1.8±0.1
7.3±0.2
3.5
3.4
0.3
0.7
6.5±0.5
7.7±0.5
1.5
4
2
3
5
1
6±0.2
6±0.2
4.5±0.2
3.5 dia.
6.5±0.1
4.5±0.1
4.1±0.1
Five, 1±0.05 dia.
0.7
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com