Electronic Components Datasheet Search
  English  ▼

X  

B3F Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # B3F
Description  Tactile Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3F Datasheet(HTML) 4 Page - Omron Electronics LLC

  B3F Datasheet HTML 1Page - Omron Electronics LLC B3F Datasheet HTML 2Page - Omron Electronics LLC B3F Datasheet HTML 3Page - Omron Electronics LLC B3F Datasheet HTML 4Page - Omron Electronics LLC B3F Datasheet HTML 5Page - Omron Electronics LLC B3F Datasheet HTML 6Page - Omron Electronics LLC B3F Datasheet HTML 7Page - Omron Electronics LLC B3F Datasheet HTML 8Page - Omron Electronics LLC B3F Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
224
Tactile Switch
B3F
Specifications
■ Characteristics
Note: Data shown are of initial value.
■ Life Expectancy
■ Operating Characteristics
Part Number
B3F-1
@@@
B3F-3
@@@
B3F-4
@@@
B3F-5
@@@
B3F-6
@@@
B3F-1
@@@-G
Contact form
SPST-NO
Switching capacity
1 to 50 mA, 5 to 24 VDC (resistive load)
100
μA to 50 mA,
5 to 24 VDC
(resistive load)
Contact resistance
100 m
Ω max. (rated: 1mA, 5VDC)
100 m
Ω max.
(rated: 100
μA, 5 VDC)
Insulation resistance
100 M
Ω min. (at 250 VDC)
Dielectric strength
500 VAC, 50/60 Hz for 1 minute
Bounce time
5 ms max.
Vibration resistance
Malfunction durability: 10 to 55 Hz, 1.5 mm double amplitude for 30 to 60 s
Shock resistance
Mechanical durability: 1,000 m/s2 (approx. 100 G)
Malfunction durability: 100 m/s2 (approx. 10 G)
Ambient operating
temperature
-25
° to 70°C (at 60% RH max.) with no icing or condensation
Ambient operating
humidity
35% to 85% RH (at 5 to 35
°C)
Weight
Approx. 0.25 g
Approx. 0.85 g
Approx. 0.25 g
B3F-1000, B3F-3000, B3F-6000:
1,000,000 operations min (OF: 100gf) (B3F-1070: 500,000 operations min)
300,000 operations min (OF: 150 gf)
100,000 operations min (OF: 260gf)
B3F-G:
300,000 operations min (OF: 180gf)
B3F-4000:
3,000,000 operations min (OF: 130gf)
1,000,000 operations min (OF: 260gf)
B3F-5000:
10,000,000 operations min.
Characteristics
Part Number
B3F-1
@@@ / -3@@@
B3F-4
@@@ / -5@@@
B3F-6
@@@
B3F-1
@@@-G
General
purpose type
High force
type
General
purpose type
High force
type
General
purpose type
High force
type
General
purpose type
Operating force (OF)
100
± 30 g
150
± 50 g
260
± 70 gf
130
± 50 g
260
± 70 g
100
± 30 g
150
± 50 g
180
± 50 g
Release force (RF) min.
20 g
50 g
50 gf
30 g
50 g
20 g
50 g
50 g
Pretravel (PT)
0.25 +0.2/
-0.1 mm
0.3 +0.2/
-0.1 mm
0.25 +0.2/
-0.1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com