Electronic Components Datasheet Search
  English  ▼

X  

GP1L03 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1L03
Description  Wide Gap Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1L03 Datasheet(HTML) 1 Page - Sharp Corporation

  GP1L03 Datasheet HTML 1Page - Sharp Corporation GP1L03 Datasheet HTML 2Page - Sharp Corporation GP1L03 Datasheet HTML 3Page - Sharp Corporation GP1L03 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP1L03
GP1L03
s Outline Dimensions
( Unit : mm)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
75
mW
Output
Collector-emitter voltage
V CEO
35
V
Emitter-collector voltage
V ECO
6V
Collector current
IC
40
mA
Collector power dissipation
P C
75
mW
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
T stg
- 40 to + 100
˚C
*2Soldering temperature
T sol
260
˚C
s Features
s Applications
s Absolute Maximum Ratings
( Ta = 25˚C)
1. Wide gap between emitter and detector
( 10mm )
2. Deep gap ( 12.2mm )
3. High current transfer ratio
( CTR: MIN. 100% at I F= 1mA )
2. Automatic vending machines, amusement
equipment
3. Optoelectronic switches, optoelectronic
counters
*1 Pulse width<=100
µ s, Duty ratio= 0.01
*2 For 5 seconds
Internal connection
diagram
10.0
(15.24)
2.0
Slit width
(Both sides of detector
and enitter )
(2.54)
1
23
4
1
23
4
2 - C2.0
*( ) : Reference dimensions
*Unspecified tolerances shall be as follows;
Dimensions(d) Tolerance
d<=6.0
± 0.1
6.0< d<=16.0
± 0.2
1. Analyzers, measuring instruments
Wide Gap Type
Photointerrupter
3 Collector
4 Emitter
1 Anode
2 Cathode
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
6.0 ± 0.2
25.4
± 0.2
2-
φ 3.2± 0.2
32.0
± 0.3
18.6
± 0.25
4 -
0.45
+ 0.3
- 0.1


Similar Part No. - GP1L03

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1L01 SHARP-GP1L01 Datasheet
137Kb / 4P
High Sensitivity Type Photolnterrupter
GP1L01F SHARP-GP1L01F Datasheet
137Kb / 4P
High Sensitivity Type Photolnterrupter
GP1L02 SHARP-GP1L02 Datasheet
92Kb / 3P
PHOTOINTERRUPTER
GP1L06 SHARP-GP1L06 Datasheet
143Kb / 4P
WIDE GAP TYPE, HIGH SENSITIVITY PHOTOINTERRUPTER
More results

Similar Description - GP1L03

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A17 SHARP-GP1A17 Datasheet
60Kb / 4P
Wide Gap Type, OPIC Photointerrupter
GP1A57HR SHARP-GP1A57HR Datasheet
51Kb / 4P
Wide Gap Type OPIC Photointerrupter
GP1L57 SHARP-GP1L57 Datasheet
49Kb / 4P
Wide Gap Type Photointerrupter
GP1S39 SHARP-GP1S39 Datasheet
52Kb / 4P
Subminiature, Double-phase Output, Wide Gap Photointerrupter
GP1S55T SHARP-GP1S55T Datasheet
53Kb / 4P
Compact, High Sensing Accuracy Narrow Gap Type Photointerrupter
GP1S94 SHARP-GP1S94 Datasheet
46Kb / 4P
Subminiature Wide- Photointerrupter
GP1S05 SHARP-GP1S05 Datasheet
128Kb / 4P
WIDE GAP HIGH SENSING ACCURACY TYPE PHOTOINTERRUPTER
GP1L06 SHARP-GP1L06 Datasheet
143Kb / 4P
WIDE GAP TYPE, HIGH SENSITIVITY PHOTOINTERRUPTER
logo
OPTEK Technologies
OPB856Z OPTEK-OPB856Z Datasheet
412Kb / 3P
Wide Gap Optical Sensor
logo
KODENSHI_AUK CORP.
SG268 KODENSHI-SG268 Datasheet
275Kb / 2P
Wide GAP/
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com