Electronic Components Datasheet Search
  English  ▼

X  

GP1L03 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1L03
Description  Wide Gap Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1L03 Datasheet(HTML) 3 Page - Sharp Corporation

  GP1L03 Datasheet HTML 1Page - Sharp Corporation GP1L03 Datasheet HTML 2Page - Sharp Corporation GP1L03 Datasheet HTML 3Page - Sharp Corporation GP1L03 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
02
0
1
9
10
1
8
7
6
5
4
3
2
30
2
0
1
10
1
2
3
4
56789
10 11 12
3
4
5
6
7
8
9
2.0mA
1.5mA
1.0mA
0.5mA
- 25
0
25
50
75
0
0.5
1.0
1.5
2.0
2.5
3.0
- 25
0
25
50
75
100
0
0.2
0.4
0.6
0.8
1.0
1.2
5
10 20
100 200
1000
1
10
20
50
50
500
2
5
100
200
500
10 %
Test Circuit for Response Time
Output
Input
90 %
Input
Output
V CE =2V
T a = 25˚C
Forward current IF ( mA )
Ta= 25˚C
IF= 2.5mA
CE ( V )
Fig. 6 Collector Current vs.
Collector-emitter Voltage
I F = 1mA
V CE =2V
Ambient temperature T a (˚C)
Fig. 7 Collector Current vs.
Ambient Temperature
I F= 2mA
I C= 0.5mA
Fig. 8 Collector-emitter Saturation Voltage vs.
Ambient Temperature
V CE=2V
IC= 10mA
T a= 25˚C
tf
tr
td
ts
L ( Ω )
VCC
RD
RL
td
ts
tr
tf
Fig. 5 Collector Current vs.
Forward Current
Fig. 9 Response Time vs.
GP1L03
Collector-emitter voltage V
45
100
125
1000
P C( MAX.)
Ambient temperature Ta (˚C)
Load Resistance
Load resistance R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com