Electronic Components Datasheet Search
  English  ▼

X  

GP1L03 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1L03
Description  Wide Gap Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1L03 Datasheet(HTML) 4 Page - Sharp Corporation

  GP1L03 Datasheet HTML 1Page - Sharp Corporation GP1L03 Datasheet HTML 2Page - Sharp Corporation GP1L03 Datasheet HTML 3Page - Sharp Corporation GP1L03 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5
-20
Frequency f ( Hz )
2
2
52
52
5
-15
-10
-5
5
10
15
20
25
0
100
Ω
10
Ω
- 25
0
25
50
75
100
10 -11
5
10 -10
5
10-9
5
10-8
5
10-7
5
10-6
10-5
5
5
-3
0
1
2
0
-2
-1
3
4
5
50
100
(Detector center )
Detector
Shield
L
0
+
-
-
+
0
Shield
Detector
RL =1k Ω
V CE =2V
I C = 10mA
T a = 25˚C
102
103
104
105
Fig.10 Frequency Response
10-4
V CE = 10V
Ambient temperature T a (˚C)
Fig.11 Collector Dark Current vs.
Ambient Temperature
I F = 1mA
V CE =2V
T a= 25˚C
Fig.12 Relative Collector Current vs.
Shield Distance ( 1 )
I F= 1mA
V CE=2V
T a= 25˚C
Fig.13 Relative Collector Current vs.
Shield Distance ( 2 )
GP1L03
Shield distance L ( mm )
Shield distance L ( mm )
-3
0
1
2
0
-2
-1
3
4
5
50
100
q
Please refer to the chapter “ Precautions for Use .
”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com