Electronic Components Datasheet Search
  English  ▼

X  

GP1S06 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1S06
Description  High Sensing Accuracy Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S06 Datasheet(HTML) 1 Page - Sharp Corporation

  GP1S06 Datasheet HTML 1Page - Sharp Corporation GP1S06 Datasheet HTML 2Page - Sharp Corporation GP1S06 Datasheet HTML 3Page - Sharp Corporation GP1S06 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP1S06
GP1S06
s Outline Dimensions
(Unit : mm )
s Features
s Absolute Maximum Ratings
(Ta = 25˚C )
s Applications
1. High sensing accuracy
( Slit width : 0.25mm )
1. Floppy disk drives
2. Copiers, printers, facsimiles
Input
Forward current
IF
50
mA
*1 Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
75
mW
Output
Collector-emitter voltage
V CEO
35
V
Emitter-collector voltage
V ECO
6V
Collector current
IC
20
mA
Collector power dissipation
P C
75
mW
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
T stg
- 40 to + 100
˚C
*2 Soldering temperature
T sol
260
˚C
Parameter
Symbol
Rating
Unit
3. Optoelectronic switches, optoelectronic
counters
12.0
(8.8)
2.3
C0.5
6.0
Internal connection diagram
1
2
4
3
1
2
4
3
Dimensions(d) Tolerance
± 0.15
± 0.25
1 Anode
2 Cathode
3 Collector
4 Emitter
(Both sides of detector
and emitter )
*1 Pulse width<= 100
µ s, Duty ratio= 0.01
*2 For 5 seconds
High Sensing Accuracy Type
Photointerrupter
2. PWB direct mounting type package
Slit width
2 - (2.54)
d<= 6.0
6.0< d<= 12.0
* Unspecified tolerances shall be as follows ;
* ( ) : Reference dimensions
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
0.25
± 0.05
3.0
+ 0.2
- 0.1
4 -
0.45
+ 0.3
- 0.1
5.5
± 0.1
2 -
φ 0.7± 0.1
3.5
± 0.1


Similar Part No. - GP1S06

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S01 SHARP-GP1S01 Datasheet
138Kb / 4P
HIGH SPEED PHOTOINTERRUPTER
GP1S01F SHARP-GP1S01F Datasheet
138Kb / 4P
HIGH SPEED PHOTOINTERRUPTER
GP1S036HEZ SHARP-GP1S036HEZ Datasheet
71Kb / 4P
Photointerrupter for Detecting Tilt Direction
GP1S05 SHARP-GP1S05 Datasheet
128Kb / 4P
WIDE GAP HIGH SENSING ACCURACY TYPE PHOTOINTERRUPTER
GP1S07 SHARP-GP1S07 Datasheet
110Kb / 4P
SUBMINIATURE PHOTOINTERRUPTER
More results

Similar Description - GP1S06

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A15 SHARP-GP1A15 Datasheet
60Kb / 4P
High Sensing Accuracy Type OPIC Photointerrupter
GP1A35RV SHARP-GP1A35RV Datasheet
64Kb / 5P
High Sensing Accuracy OPIC Photointerrupter with Encoder Functions
GP1L53V SHARP-GP1L53V Datasheet
48Kb / 4P
Compact, High Sensing Accuracy Type Photointerrupter
GP1S34 SHARP-GP1S34 Datasheet
46Kb / 4P
Subminiature, High Sensing Accuracy Photointerrupter
GP1S55T SHARP-GP1S55T Datasheet
53Kb / 4P
Compact, High Sensing Accuracy Narrow Gap Type Photointerrupter
GP1S560 SHARP-GP1S560 Datasheet
48Kb / 4P
Compact, High Sensing Accuracty Type Photointerrupter
GP1S56T SHARP-GP1S56T Datasheet
51Kb / 4P
Compact, High Sensing Accuracy Type Photointerrupter with Positioning Pin
GP1S05 SHARP-GP1S05 Datasheet
128Kb / 4P
WIDE GAP HIGH SENSING ACCURACY TYPE PHOTOINTERRUPTER
GP1S56 SHARP-GP1S56 Datasheet
135Kb / 4P
Compact, High Sensing Accuracy Type Photointerrupter with Positioning Pin
logo
Infineon Technologies A...
KP254 INFINEON-KP254 Datasheet
1Mb / 30P
High accuracy pressure sensing (짹 1.5 kPa)
Revision 1.1, 2015-07-29
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com