Electronic Components Datasheet Search
  English  ▼

X  

GP1S06 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1S06
Description  High Sensing Accuracy Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S06 Datasheet(HTML) 3 Page - Sharp Corporation

  GP1S06 Datasheet HTML 1Page - Sharp Corporation GP1S06 Datasheet HTML 2Page - Sharp Corporation GP1S06 Datasheet HTML 3Page - Sharp Corporation GP1S06 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
020
10
30
40
0
2
0
0.2
13
4
5
6
7
8
9
10
- 25
0
25
50
75
100
0
0.1
0.2
- 25
0
25
50
75
100
0
0.02
0.2
0.5
1
5
10
1
10
20
50
2
2
5
100
200
500
10%
Output
Input
90%
Input
Output
50
0.4
0.6
0.8
1.0
1.2
1.4
1.6
40mA
30mA
20mA
10mA
0.3
0.4
0.5
0.6
0.7
0.8
0.04
0.06
0.08
0.10
0.12
0.14
0.16
Fig. 5 Collector Current vs. Forward Current
V CE =5V
T a = 25˚C
Forward current I F ( mA )
Fig. 6 Collector Current vs.
Collector-emitter Voltage
T a= 25˚C
IF= 50mA
Collector-emitter voltage V CE ( V)
IF= 20mA
V CE=5V
Ambient temperature Ta (˚C)
Ambient temperature T a (˚C)
IF= 40mA
IC=50 µ A
Test Circuit for Response Time
L ( kΩ )
RD
VCC
RL
tr
ts
td
tf
Fig. 7 Collector Current vs.
Ambient Temperature
Fig. 8 Collector-emitter Saturation
GP1S06
V CE=2V
IC= 0.5mA
T a= 25˚C
Ambient Temperature
Voltage vs.
t f
t r
t d
ts
20
50
1.8
2.0
2.2
2.4
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Fig. 9 Response Time vs. Load Resistance
Load resistance R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com