Electronic Components Datasheet Search
  English  ▼

X  

GP1S06 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1S06
Description  High Sensing Accuracy Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S06 Datasheet(HTML) 4 Page - Sharp Corporation

  GP1S06 Datasheet HTML 1Page - Sharp Corporation GP1S06 Datasheet HTML 2Page - Sharp Corporation GP1S06 Datasheet HTML 3Page - Sharp Corporation GP1S06 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5
-20
Frequency f ( Hz )
25
2
5
2
-15
-10
-5
1k
Ω
0
25
50
75
100
10 -10
2
5
- 0.4
0
0.1
0.2
0
Shield distance L ( mm )
- 0.3
0.3
0.4
50
(Detector center )
Shield
L
0
+
-
-
+
0
Shield
Detector
100
50
4
3
-1
-2
Shield distance L ( mm )
0
2
1
0
5
2
10-9
10-8
5
2
10-7
2
5
10-6
- 0.2 - 0.1
Fig.10 Frequency Response
Fig.11 Collector Dark Current vs.
V CE=2V
IC= 0.5mA
T a= 25˚C
RL= 10kΩ
V CE= 20V
Ambient temperature T a (˚C)
Fig.12 Relative Collector Current vs.
Shield Distance ( 1 )
Fig.13 Relative Collector Current vs.
Shield Distance ( 2 )
Ambient Temperature
IF= 20mA
VCE=5V
T a= 25˚C
IF= 20mA
V CE=5V
T a= 25˚C
GP1S06
10 3
10 4
10 5
0
100
Detector
center
(
)
q
Please refer to the chapter “Precautions for Use” ( Page 78 to 93 ) .



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com