Electronic Components Datasheet Search
  English  ▼

X  

GP1S09 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1S09
Description  Photointerrupter with Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S09 Datasheet(HTML) 1 Page - Sharp Corporation

  GP1S09 Datasheet HTML 1Page - Sharp Corporation GP1S09 Datasheet HTML 2Page - Sharp Corporation GP1S09 Datasheet HTML 3Page - Sharp Corporation GP1S09 Datasheet HTML 4Page - Sharp Corporation GP1S09 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GP1S09
GP1S09
s Outline Dimensions
(Unit : mm )
s Features
s Absolute Maximum Ratings
(Ta= 25˚C )
s Applications
1. Snap-in mounting type
2. Can be mounted on 2 different thickness
3. 3-pin connector terminal
4. Wide gap between light emitter and detec-
1. Copiers
2. Printers
3. Facsimiles
*1 Pulse width<= 100
µs, Duty ratio= 0.01
boards ( 1.0mm, 1.6mm )
tor ( 5mm )
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1Peak forward current
I FM
1A
V R
6V
Power dissipation
P
75
mW
Output
Collector-emitter voltage
V CEO
35
V
Emitter-collector voltage
V ECO
6V
Collector current
IC
20
mA
Collector power dissipation
P C
75
mW
Operating temperature
T opr
- 25 to + 75
˚C
*2
Storage temperature
T stg
- 40 to + 85
˚C
21.8
16.0
6.5
5.0 4.5
4.5
0.9
0.9
g
11.8
6.0
3.0
Slit width
4.0
10.2
Internal connection
diagram
3
2
1
1
2
3
1 Anode
2 GND
3 Collector
Dimensions(d) Tolerance
d<5.0
± 0.15
5.0 <=d<15.0
± 0.2
15.0 <=d
± 0.3
g MOLEX JAPAN CO., LTD.
made connector 5267-03A
Recommended connector
on the inserted side
Housing : 5264-03
Terminal : 5263 PBT etc
Reverse voltage
Photointerrupter with
Connector
2 - 4.0
2 - 8.0
2 - 3.0
2 - 0.9
2 - 0.9
*2
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
* Unspecified tolerances shall be as follows;
* ( ) : Reference dimensions
*2 The connector should be plugged in/out and the unit's hook should be used at normal temperature
0.8
± 0.1
5.9
+ 1.0
- 0.5


Similar Part No. - GP1S09

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S092HCPI SHARP-GP1S092HCPI Datasheet
59Kb / 5P
Subminiature, Surface Mount Type Photointerrupter
GP1S092HCPIF SHARP-GP1S092HCPIF Datasheet
155Kb / 13P
SMT, Gap : 2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S093HCZ SHARP-GP1S093HCZ Datasheet
69Kb / 5P
Subminiature, Low Profile, Transmissive Type Photointerrupter
GP1S093HCZ0F SHARP-GP1S093HCZ0F Datasheet
136Kb / 9P
Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S094HCZ0F SHARP-GP1S094HCZ0F Datasheet
137Kb / 9P
Gap : 3mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results

Similar Description - GP1S09

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A05 SHARP-GP1A05 Datasheet
61Kb / 4P
OPIC Photointerrupter with Connector
GP1A21 SHARP-GP1A21 Datasheet
45Kb / 4P
OPIC Photointerrupter with Connector
GP1A34LC SHARP-GP1A34LC Datasheet
43Kb / 4P
OPIC Photointerrupter with Connector
GP1A38L5 SHARP-GP1A38L5 Datasheet
73Kb / 4P
Multi-channel OPIC Photointerrupter with Connector
GP1A73A SHARP-GP1A73A Datasheet
51Kb / 4P
Compact OPIC Photointerrupter with Connector
GP1A74A SHARP-GP1A74A Datasheet
51Kb / 4P
Compact OPIC Photointerrupter with Connector
GP1A75E SHARP-GP1A75E Datasheet
42Kb / 3P
Small Size OPIC Photointerrupter with Connector
GP1S73P SHARP-GP1S73P Datasheet
64Kb / 5P
Compact Photointerrupter with Connector
GP1A05A2 SHARP-GP1A05A2 Datasheet
62Kb / 5P
OPIC Photointerrupter with Connector
GP1S73P2 SHARP-GP1S73P2 Datasheet
83Kb / 6P
Compact Photointerrupter with Connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com