Electronic Components Datasheet Search
  English  ▼

X  

GP1S09 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1S09
Description  Photointerrupter with Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S09 Datasheet(HTML) 3 Page - Sharp Corporation

  GP1S09 Datasheet HTML 1Page - Sharp Corporation GP1S09 Datasheet HTML 2Page - Sharp Corporation GP1S09 Datasheet HTML 3Page - Sharp Corporation GP1S09 Datasheet HTML 4Page - Sharp Corporation GP1S09 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
020
0
10
10
8
6
4
2
30
40
0
2
0
10
2
46
8
10
4
6
8
40mA
30mA
20mA
10mA
- 25
0
25
50
75
100
0
1
2
3
4
5
6
- 25
0
25
50
75
100
0
0.16
0.05
0.1
0.2
1
2
10
0.3
2
5
10
0.5
5
0.5
1
20
50
100
10 %
Test Circuit for Response Time
Output
Input
90 %
Input
Output
50
12
0.14
0.10
0.12
0.02
0.04
0.06
0.08
Fig. 5 Collector Current vs. Forward Current
Forward current I F ( mA )
Fig. 6 Collector Current vs.
Collector-emitter Voltage
CE ( V )
T a= 25˚C
IF = 50mA
Fig. 7 Collector Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
V CE =5V
IF = 20mA
Fig. 8 Collector-emitter Saturation Voltage vs.
Ambient Temperature
Ambient temperature T a (˚C)
IF = 40mA
IC= 1mA
V CE=2V
IC= 2mA
T a= 25˚C
L ( kΩ )
tf
tr
td
t s
RD
VCC
RL
td
tr
ts
tf
GP1S09
V CE=5V
T a= 25˚C
Collector-emitter voltage V
Fig. 9 Response Time vs. Load Resistance
Load resistance R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com