Electronic Components Datasheet Search
  English  ▼

X  

GP1S09 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1S09
Description  Photointerrupter with Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S09 Datasheet(HTML) 4 Page - Sharp Corporation

  GP1S09 Datasheet HTML 1Page - Sharp Corporation GP1S09 Datasheet HTML 2Page - Sharp Corporation GP1S09 Datasheet HTML 3Page - Sharp Corporation GP1S09 Datasheet HTML 4Page - Sharp Corporation GP1S09 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GP1S09
5
-20
Frequency f ( Hz )
2
2
52
52
5
-15
-10
-5
0
RL= 10k
Ω
1k
Ω 100Ω
0
25
50
75
100
10 -10
2
5
10 -9
-3
0
+ 1
0
Shield distance L ( mm )
-2
-1
+ 5
50
100
(Detector center )
Detector
Shield
L
0
+
-
-
+
0
Shield
Detector
Shield distance L ( mm )
2
5
10 -8
2
5
10 -7
2
5
10 -6
+4
+3
+2
100
50
-1
-2
0
+1
0
- 3
+2
+3
+4
+5
Mounting method
Recommended mounting holes
Board thickness t = 1.0mm
Board thickness t = 1.6mm
Recommended mounting holes
Mounting method
Shield Distance ( 2 )
Fig.13 Relative Collector Current vs.
Fig.12 Relative Collector Current vs.
Fig.10 Frequency Response
Fig.11 Collector Dark Current vs.
Ambient Temperature
10 3
10 4
10 5
10 6
V CE= 20V
Ambient temperature T a (˚C)
V CE=2V
IC= 2mA
T a= 25˚C
IF= 20mA,V CE=5V
T a= 25˚C
IF = 20mA, V CE=5V
T a= 25˚C
4.2
8.0
s Recommended Mounting Holes
1.0
+ 0.17
- 0.12
1.6
+ 0.17
- 0.12
8.0
4.2
8.0
8.0
Shield Distance ( 1 )
equipment before mounting. )
( Following dimensions are recommended values, so confirm the intensity by using actual



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com