Electronic Components Datasheet Search
  English  ▼

X  

G6L Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6L
Description  Low Signal Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6L Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6L Datasheet HTML 1Page - Omron Electronics LLC G6L Datasheet HTML 2Page - Omron Electronics LLC G6L Datasheet HTML 3Page - Omron Electronics LLC G6L Datasheet HTML 4Page - Omron Electronics LLC G6L Datasheet HTML 5Page - Omron Electronics LLC G6L Datasheet HTML 6Page - Omron Electronics LLC G6L Datasheet HTML 7Page - Omron Electronics LLC G6L Datasheet HTML 8Page - Omron Electronics LLC G6L Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
38
Low Signal Relay
G6L
Specifications
■ Contact Ratings
Note: This value was measured at a switching frequency of 120 operations/min. This value may vary, depending on switching frequency, operating
conditions, expected reliability level of the relay, etc. It is always recommended to double-check relay suitability under actual load conditions.
■ Coil Ratings
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23
°C.
3. The maximum voltage is the highest voltage that can be imposed on the relay coil.
4. The voltage measurements for Pick-up/Dropout are the values obtained for instantaneous changes in the voltage (rectangular wave).
■ Characteristics
Note: 1. The contact resistance was measured with 10 mA at 1 VDC with a fall-of-potential method.
2. Values in parentheses are actual values.
3. The insulation resistance was measured with a 500-VDC megohmmeter applied to the same parts as those used for checking the dielec-
tric strength.
4. The above values are initial values.
Item
Resistive load
Contact mechanism
Single crossbar
Rated load
0.3 A at 125 VAC, 1 A at 24 VDC
Carry current
1 A
Max. operating voltage
125 VAC, 60 VDC
Max. operating current
1 A
Min. permissible load - P level (See note)
1 mA at 5 VDC
Item
Voltage Rating
Rated voltage
3 VDC
4.5 VDC
5 VDC
12 VDC
24 VDC
Rated current
60.0 mA
40.0 mA
36.0 mA
15.0 mA
9.6 mA
Coil resistance
50.0
Ω
112.5
Ω
139.0
Ω
800.0
Ω
2,504.0
Ω
Pick-up voltage
75% max. of rated voltage
Dropout voltage
10% min. of rated voltage
Maximum voltage
150% of rated voltage
130% of rated
voltage
Power consumption
Approx. 180 mW
Approx. 230 mW
Item
G6L-1P, G6L-1F
Contact resistance (See Note 1)
100 m
Ω max.
Operate time (See Note 2)
5 ms max. (approx. 1.1 ms)
Release time (See Note 2)
5 ms max. (approx. 0.4 ms)
Insulation resistance (See Note 3)
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
Coil and contacts
1,000 VAC, 50/60 Hz for 1 min
Contacts of same
poles
750 VAC, 50/60 Hz for 1 min
Surge withstand
voltage
Coil and contacts
1,500 VAC, 10
× 160 μs
Vibration
Mechanical durability
10 to 55 Hz, 1.65-mm single amplitude (3.3-mm double amplitude)
Malfunction durability 10 to 55 Hz, 1.65-mm single amplitude (3.3-mm double amplitude)
Shock
Mechanical durability
1,000 m/s2
Malfunction durability 100 m/s2
Service life
Mechanical
5,000,000 operations min. (at 36,000 operations/hour)
Electrical
100,000 operations min. (with a rated load at 1,800 operations/hour)
Ambient temperature
Operating: -40
°C to 70°C (with no icing or condensation)
Humidity
Operating: 5% to 85% RH
Weight
Approx. 0.6 g



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com