Electronic Components Datasheet Search
  English  ▼

X  

G6L Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G6L
Description  Low Signal Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6L Datasheet(HTML) 5 Page - Omron Electronics LLC

  G6L Datasheet HTML 1Page - Omron Electronics LLC G6L Datasheet HTML 2Page - Omron Electronics LLC G6L Datasheet HTML 3Page - Omron Electronics LLC G6L Datasheet HTML 4Page - Omron Electronics LLC G6L Datasheet HTML 5Page - Omron Electronics LLC G6L Datasheet HTML 6Page - Omron Electronics LLC G6L Datasheet HTML 7Page - Omron Electronics LLC G6L Datasheet HTML 8Page - Omron Electronics LLC G6L Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Low Signal Relay
G6L
41
Dimensions
Note: All units are in millimeters unless otherwise indicated.
0
0.5
1
1.5
2
2.5
3
40
30
20
10
Time (ms)
Must operate time
Must release time
Sample: G6L-1F
Number of Relays: 50
0
0.5
1
1.5
2
2.5
3
40
30
20
10
Time (ms)
Sample: G6L-1F
Number of Relays: 50
Initial
After test
5.0
4.0
3.0
2.0
1.0
0.0
-1.0
-2.0
-3.0
-4.0
-5.0
Must release voltage
Must operate voltage
Sample: G6L-1F
Number of Relays: 5
Must Operate and Must Release
Time Distribution (See Note)
Distribution of Bounce Time
(See Note)
Vibration Resistance
Note: The tests were conducted at an ambient temperature of 23
°C.
5.08
7.62
1-dia.
5.08
10.6±0.2
7±0.2
0.2
5.08
4.1±0.2
3.5
7.62
5.08
1.49
0.4
0.2
24
85
Orientation mark
G6L-1P
PCB Mounting Holes
(Bottom View)
Tolerance:
±0.1 mm
Terminal Arrangement/
Internal Connections
(Bottom View)
Note: Each value has a tolerance of
±0.3 mm.
7.62
5.08
2.66
6.74
(1.49)
0.8
8.4
10.6±0.2
4.5±0.2
0.6
7.62
5.08
1.49
0.4
0.4
7±0.2
85
24
Orientation mark
G6L-1F
PCB Mounting Holes
(Top View)
Tolerance:
±0.1 mm
Terminal Arrangement/
Internal Connections
(Top View)
Note: Each value has a tolerance of
±0.3 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com