Electronic Components Datasheet Search
  English  ▼

X  

G6L Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G6L
Description  Low Signal Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6L Datasheet(HTML) 4 Page - Omron Electronics LLC

  G6L Datasheet HTML 1Page - Omron Electronics LLC G6L Datasheet HTML 2Page - Omron Electronics LLC G6L Datasheet HTML 3Page - Omron Electronics LLC G6L Datasheet HTML 4Page - Omron Electronics LLC G6L Datasheet HTML 5Page - Omron Electronics LLC G6L Datasheet HTML 6Page - Omron Electronics LLC G6L Datasheet HTML 7Page - Omron Electronics LLC G6L Datasheet HTML 8Page - Omron Electronics LLC G6L Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
40
Low Signal Relay
G6L
10
5
0
−5
−10
Installed in flush configuration
5.08 mm
Initial
stage
Sample
Energized
2.54 mm
Must operate voltage
Must release voltage
Energized
Sample
10
5
0
−5
−10
Installed in flush configuration
5.08 mm
Initial
stage
2.54 mm
Must operate voltage
Must release voltage
Mutual Magnetic Interference
Mutual Magnetic Interference
−1,200
−800
−400
0
400
800
1,200
+30
+20
+10
0
−10
−20
−30
External magnetic field (A/m)
Sample: G6L-1F
Number of Relays: 5
(Average value)
S
N
Must operate voltage
Must release voltage
−1,200
−800
−400
0
400
800
1,200
+30
+20
+10
0
−10
−20
−30
External magnetic field (A/m)
(Average value)
S
N
Must operate voltage
Must release voltage
Sample: G6L-1F
Number of Relays: 5
−1,200
−800
−400
0
400
800
1,200
+30
+20
+10
0
−10
−20
−30
External magnetic field (A/m)
Sample: G6L-1F
Number of Relays: 5
(Average value)
S
N
Must operate voltage
Must release voltage
External Magnetic Interference
Frequency (MHz)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1,000
(Average value)
0
0.5
1
1.5
2
2.5
Frequency (MHz)
(Average value)
1
10
100
1,000
0
10
20
30
40
50
60
70
Frequency (MHz)
0.2
0.4
0.6
0.8
1
1.2
1.4
1
10
100
1,000
(Average value)
Return loss
V.SWR
High-frequency Characteristics
(Isolation) (See note)
High-frequency Characteristics
(Insertion Loss) (See note)
High-frequency Characteristics
(Return Loss, V.SWR) (See note)
Note: High-frequency characteristics depend on the PCB to which the Relay is mounted. Always check these characteristics, including
endurance, in the actual machine before use.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com