Electronic Components Datasheet Search
  English  ▼

X  

BU95103SL Datasheet(PDF) 2 Page - Rohm

Part # BU95103SL
Description  6bit RSDS Source Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU95103SL Datasheet(HTML) 2 Page - Rohm

  BU95103SL Datasheet HTML 1Page - Rohm BU95103SL Datasheet HTML 2Page - Rohm BU95103SL Datasheet HTML 3Page - Rohm BU95103SL Datasheet HTML 4Page - Rohm BU95103SL Datasheet HTML 5Page - Rohm BU95103SL Datasheet HTML 6Page - Rohm BU95103SL Datasheet HTML 7Page - Rohm BU95103SL Datasheet HTML 8Page - Rohm BU95103SL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Technical Note
2/14
BU95303
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●
Absolute maximum ratings
Parameter
Symbol
Ratings
Unit
Logic power supply voltage
DVDD
-0.3 ~ +4.5
V
Driver power supply voltage
AVDD
-0.3 ~ +14.0
V
Logic input voltage
VI1
-0.3 ~ DVDD+0.3
V
Logic output voltage
VO1
-0.3 ~ DVDD+0.3
V
Driver input voltage
VI2
-0.3 ~ AVDD+0.3
V
Driver output voltage
VO2
-0.3 ~ AVDD+0.3
V
Storage temperature range
Tstg
-55 ~ +125
℃
●
Recommended operating range
Parameter
Symbol
Ratings
Unit
Logic power supply voltage
DVDD
+2.7 ~ +3.6
V
Driver power supply voltage
AVDD
+10.0 ~ +13.5
V
γ
-correction reference voltage
V0 ~ V6
0.5 AVDD ~ AVDD-0.1
V
V7 ~ V13
0.1 ~ 0.5 AVDD
V
Driver output voltage
VO
0.1 ~ AVDD-0.1
V
Output load capacitance
CL
80
pF
Maximum clock frequency
fCLK(MAX)
85
MHz
Operating temperature range
Topr
-10 ~ +85
℃
* AVSS=DVSS=0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com