Electronic Components Datasheet Search
  English  ▼

X  

BU95103SL Datasheet(PDF) 9 Page - Rohm

Part # BU95103SL
Description  6bit RSDS Source Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU95103SL Datasheet(HTML) 9 Page - Rohm

Back Button BU95103SL Datasheet HTML 5Page - Rohm BU95103SL Datasheet HTML 6Page - Rohm BU95103SL Datasheet HTML 7Page - Rohm BU95103SL Datasheet HTML 8Page - Rohm BU95103SL Datasheet HTML 9Page - Rohm BU95103SL Datasheet HTML 10Page - Rohm BU95103SL Datasheet HTML 11Page - Rohm BU95103SL Datasheet HTML 12Page - Rohm BU95103SL Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Technical Note
9/14
BU95303
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●
Relationship between Input Data and Output Voltage
The LCD driver output voltages are determined by the input data and 14γ-corrected power supply.
0.1V≦V13≦V12≦V11≦V10≦V9≦V8≦V7≦0.5AVDD
0.5 AVDD≦V6≦V5≦V4≦V3≦V2≦V1≦V0≦AVDD -0.1V
Fig.3 Input data - γ correction curve
V0 (VH0)
V1 (VH1)
V2 (VH16)
V3 (VH32)
V4 (VH48)
V5 (VH62)
V6 (VH63)
V7 (VL63)
V8 (VL62)
V9 (VL48)
V10 (VL32)
V11 (VL16)
V12 (VL1)
V13 (VL0)
00 01
16
32
48
63
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com