Electronic Components Datasheet Search
  English  ▼

X  

GP2W0106YP Datasheet(PDF) 9 Page - Sharp Corporation

Part # GP2W0106YP
Description  115 kbps Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0106YP Datasheet(HTML) 9 Page - Sharp Corporation

Back Button GP2W0106YP Datasheet HTML 5Page - Sharp Corporation GP2W0106YP Datasheet HTML 6Page - Sharp Corporation GP2W0106YP Datasheet HTML 7Page - Sharp Corporation GP2W0106YP Datasheet HTML 8Page - Sharp Corporation GP2W0106YP Datasheet HTML 9Page - Sharp Corporation GP2W0106YP Datasheet HTML 10Page - Sharp Corporation GP2W0106YP Datasheet HTML 11Page - Sharp Corporation GP2W0106YP Datasheet HTML 12Page - Sharp Corporation GP2W0106YP Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
115 kbps Transceiver
GP2W0106YP
IrDA Data Sheet
9
Figure 13. Standard Optical System (Emitter Side)
GP2W0106YP-13
φ
φ
DETECTOR FOR
RADIATION INTENSITY
MEASURING
GP2W0106YP
NOTE:
φ indicates horizontal
and vertical directions
Figure 14. Recommended Circuit (Emitter Side)
1.63
µs
VIN Tx = 2.8 V
GP2W0106YP
TXD
LEDA
VDD = 3.3 V
BR = 115.2 kbps
GP2W0106YP-14
Figure 15. Peak Forward Current
Versus Ambient Temperature
GP2W0106YP-15
PEAK
FORWARD
CURRENT
IFM (mA)
60
40
26
20
-20
85
100
75
50
25
AMBIENT TEMPERATURE TA (°C)
NOTE: Pulse width
≤ 78.1 µs, Duty ratio 3/16
0
-25
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com