Electronic Components Datasheet Search
  English  ▼

X  

GP2W0106YP Datasheet(PDF) 10 Page - Sharp Corporation

Part # GP2W0106YP
Description  115 kbps Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0106YP Datasheet(HTML) 10 Page - Sharp Corporation

Back Button GP2W0106YP Datasheet HTML 6Page - Sharp Corporation GP2W0106YP Datasheet HTML 7Page - Sharp Corporation GP2W0106YP Datasheet HTML 8Page - Sharp Corporation GP2W0106YP Datasheet HTML 9Page - Sharp Corporation GP2W0106YP Datasheet HTML 10Page - Sharp Corporation GP2W0106YP Datasheet HTML 11Page - Sharp Corporation GP2W0106YP Datasheet HTML 12Page - Sharp Corporation GP2W0106YP Datasheet HTML 13Page - Sharp Corporation GP2W0106YP Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
GP2W0106YP
115 kbps Transceiver
10
IrDA Data Sheet
RELIABILITY
NOTES:
1. The sample to be tested shall be left at normal temperature and humidity for
2 hours after it is taken out of the chamber. No dew point.
2. Refer to the ‘Precautions for Soldering’ section for temperature profile.
TEST ITEMS
TEST CONDITIONS
FAILURE JUDGEMENT
CRITERIA
SAMPLES
(n)
DEFECTIVE
(c)
NOTES
Temperature cycling
1 cycle -20°C to 85°C
(30 minutes at each extreme)
20 cycles test
IDD > Up × 1.2
L < Low × 0.8
IE < Low × 0.8
IE > Up × 1.2
Up: Upper
Specification Limint
Low: Lower
Specification Limint
n = 22
c = 0
1
High temperature and high
humidity storage
+40°C, 90% RH, 240 hours
n = 22
c = 0
1
High temperature storage
+85°C, 240 hours
n = 22
c = 0
1
Low temperature storage
-30°C, 240 hours
n = 22
c = 0
1
Operation life 1
+25°C, VDD = 3.3 V, 240
hours
n = 11
c = 0
1
Operation life 2
+25°C, VDD = LEDA = 3.3 V,
240 hours, Pulse width
78.1 µs, Duty ratio 3/16
n = 11
c = 0
Mechanical shock
1,000 m/s2, 6 ms,
3 times/±X, ±Y, ±Z direction
n = 11
c = 0
Variable frequency
vibration
200 m/s2,
100 to 2,000 to 100 Hz for
approximately 4 minutes
48 minutes/X, Y, Z direction
n = 11
c = 0
Reflow solder head
230°C, 5 s.
n = 11
c = 0
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com