Electronic Components Datasheet Search
  English  ▼

X  

GP2W0106YP Datasheet(PDF) 12 Page - Sharp Corporation

Part # GP2W0106YP
Description  115 kbps Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0106YP Datasheet(HTML) 12 Page - Sharp Corporation

Back Button GP2W0106YP Datasheet HTML 8Page - Sharp Corporation GP2W0106YP Datasheet HTML 9Page - Sharp Corporation GP2W0106YP Datasheet HTML 10Page - Sharp Corporation GP2W0106YP Datasheet HTML 11Page - Sharp Corporation GP2W0106YP Datasheet HTML 12Page - Sharp Corporation GP2W0106YP Datasheet HTML 13Page - Sharp Corporation GP2W0106YP Datasheet HTML 14Page - Sharp Corporation GP2W0106YP Datasheet HTML 15Page - Sharp Corporation GP2W0106YP Datasheet HTML 16Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
GP2W0106YP
115 kbps Transceiver
12
IrDA Data Sheet
TAPING SPECIFICATIONS
Taping Method
• Taping structure and dimensions: The tape should
have a structure in which a cover tape is sealed heat-
pressed on the carrier tape of conductive PET. See
Figure 17.
• Reel structure and dimensions: The taping reel
should be conductive plastic with its dimensions as
shown in Figure 18.
• Direction of product insertion: Product direction in
carrier tape should be such that electrode side of
product is placed on the cover tape side and lens
side of product is placed on the hold side of the tape.
See Figure 19.
• Taped device repair: To repair taped device failure,
cut the bottom of carrier tape with a cutter, and after
replacing with good devices, seal the cut portion with
adhesive tape.
• Adhesiveness of cover tape: The exfoliation force
between carrier tape and cover tape should be 0.2 N
to 1 N for the angle from 160° to 180°.
• Rolling method and quantity: Wind the tape back on
the reel so that the cover tape is on the outside.
Attach more than 20 cm of blank tape to the trailer
and the leader of the tape and fix both ends with
adhesive tape. One reel shall contain 2,000 pieces.
• Safety protection during shipping: There should be
no deformation of component or degradation of elec-
trical characteristics due to shipping.
Figure 17. Tape Structure and Dimensions
GP2W0106YP-17
4.0 ±0.1
2.0 ±0.1
8.0 ±0.1
3.25 ±0.1
2.65 ±0.1
0.3 ±0.05
NOTE: Dimensions are in mm.
φ1.5
+0.1
-0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com