Electronic Components Datasheet Search
  English  ▼

X  

IS456 Datasheet(PDF) 1 Page - Sharp Corporation

Part # IS456
Description  High Speed Response Type OPIC Light Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS456 Datasheet(HTML) 1 Page - Sharp Corporation

  IS456 Datasheet HTML 1Page - Sharp Corporation IS456 Datasheet HTML 2Page - Sharp Corporation IS456 Datasheet HTML 3Page - Sharp Corporation IS456 Datasheet HTML 4Page - Sharp Corporation IS456 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
IS456
IS456
s Features
s Applications
*1 For 1 minute
*2 For 3 seconds at the position shown in the follow-
ing drawing.
*3 Maximum allowable incident light intensity and
the device.
2. Uses a pattern to allow for possible
positional deviation of the semiconductor
laser spot.
3. Compact, mini-flat package
1. Laser beam printers
1. High speed response (t PHL : TYP.230ns )
Internal connection
diagram
4.4± 0.1
0.25
Detector
center
(Outer mounting )
10˚
10˚
10˚
10˚
(Unit : mm )
s Absolute Maximum Ratings
s Electro-optical Characteristics
Soldering area
Soldering area
*4 E VHL 1, E VHL 2 represent illuminance by CIE standard light source A(tungsten lamp) when output goes from high to low.
1
2
3
4
4
1
2
3
3 GND
( V
CC
= 5V, Ta= 25˚C)
( R0.2 )
Symbol
Rating
Unit
V CC
- 0.5 to + 7
V
V OH
7V
IOL
20
mA
T opr
- 25 to + 80
˚C
Tstg
- 40 to + 85
˚C
Tsol
260
˚C
P
150
mW
P RO
24
P I
5
Ee
60
Parameter
High level output voltage
Low level output current
Operating temperature
Storage temperature
Power dissipation
RO terminal power dissipation
*1Supply voltage
*2Soldering temperature
*3 Incident light intensity
*3Radiant intensity
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
High level output voltage
V OH
RO
4.9
-
-
V
Low level output voltage
V OL
IOL=10mA, E V
-
0.4
0.6
V
High level supply current
I CCH
RO=51k
Ω , E V=0
-
2.6
4.5
mA
Low level supply current
ICCL
RO=51k
Ω , E V
-
3.8
6.6
mA
*4 “ High
→Low ” threshold illuminance 1
E VHL1
RO=51k
Ω
330
470
600
*4 “ High
→Low ” threshold illuminance 2
E VHL2
RO=5.1k
Ω
--
“ High
→Low ” threshold incident light intensity
P IHL
RO=5.1k
Ω , l =780nm
-
100
-
µW
Response
time
“ High
→Low”
propagation delay time
t PHL
P I=0.2mW,
λ =780nm
CL
RO=5.1k
Ω , R L=510Ω
-
230
400
ns
-
230
400
ns
“ Low
→High”
propagation delay time
t PLH
-
60
200
ns
Rise time
t r
-
20
100
ns
Fall time
tf
(Ta= 25˚C)
s Outline Dimensions
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
*“ OPIC” (Optical IC ) is a trademark of the SHARP Corporation.
radiant intensity of laser beam (
λ = 780nm ) to
=15pF, Duty=1: 1
=51k
Ω , E V=0
5 800
High Speed Response Type
OPIC Light Detector
=1 000lx
=1 000lx
lx
lx
2.75 ±0.2
2.7
+ 0.5
- 0
2.7
+ 0.5
- 0
0.8
+ 0.2
- 0.4
4.4± 0.1
5.0 ± 0.1
1 R O
2 V O
4 VCC
VREF
Gain resistor(Ro)
mW
mW
WB


Similar Part No. - IS456

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS450 SHARP-IS450 Datasheet
490Kb / 5P
OPIC LIGHT DETECTOR WITH BULLT-IN SIGNAL PROCESSING CIRCULT FOR LIGHT MODULATION SYSTEM
logo
List of Unclassifed Man...
IS452 ETC-IS452 Datasheet
668Kb / 6P
HIGH DENSITY MOUNTING HIGH VOLTAGE DARLINGTON OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
IS452 ISOCOM-IS452 Datasheet
316Kb / 6P
Computer terminals
logo
Sharp Corporation
IS455 SHARP-IS455 Datasheet
56Kb / 4P
Linear Output Type OPIC Light Detector
IS455 SHARP-IS455 Datasheet
66Kb / 2P
LINEAR OUTPUT TYPE OPIC LIGHT DETECTOR
More results

Similar Description - IS456

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
Super High Speed Response OPIC Photocoupler
IS455 SHARP-IS455 Datasheet
56Kb / 4P
Linear Output Type OPIC Light Detector
IS457 SHARP-IS457 Datasheet
47Kb / 4P
High Speed Response Type OPIC Light Detector
IS474 SHARP-IS474 Datasheet
66Kb / 5P
Linear Output Type OPIC Light Detector
PC910X SHARP-PC910X Datasheet
66Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC912X SHARP-PC912X Datasheet
62Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
IS437 SHARP-IS437 Datasheet
139Kb / 4P
BUILT - IN AMP. TYPE OPIC LIGHT DETECTOR
IS445 SHARP-IS445 Datasheet
66Kb / 2P
LINEAR OUTPUT TYPE OPIC LIGHT DETECTOR
IS431 SHARP-IS431 Datasheet
136Kb / 4P
TOTEM POLE OUTPUT TYPE OPIC LIGHT DETECTOR
GA1A1S204WP SHARP-GA1A1S204WP Datasheet
573Kb / 18P
GA1A1S204WP OPIC Light Detector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com