Electronic Components Datasheet Search
  English  ▼

X  

IS456 Datasheet(PDF) 2 Page - Sharp Corporation

Part # IS456
Description  High Speed Response Type OPIC Light Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS456 Datasheet(HTML) 2 Page - Sharp Corporation

  IS456 Datasheet HTML 1Page - Sharp Corporation IS456 Datasheet HTML 2Page - Sharp Corporation IS456 Datasheet HTML 3Page - Sharp Corporation IS456 Datasheet HTML 4Page - Sharp Corporation IS456 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
s Recommended Operating Conditions
In order to stabilize power supply line, connect a by-pass capacitor of 0.1
µ F
between Vcc and GND near the device.
IS456
10mA
0.5
0.6
0.4
0.3
0.1
8
7
6
5
4
6
5
4
3
2
1
10
5
2
0.2
0.5
100
50
20
0
0.2
025
50
75
100
-25
3
0
110
5
2
1
1
100
150
200
250
100
75
50
25
-25
50
0
0
Fig. 1 Total Power Dissipation vs.
Ambient Temperature
V CC=5V
T a= 25˚C
V CC=5V
IOL= 20mA
Ambient Temperature
T a= 25˚C
ICCL
ICCH
Fig. 4 Supply Current vs. Supply Voltage
Parameter
Symbol
MIN.
MAX.
Unit
Operating supply voltage
V cc
4.5
5.5
V
Operating temperature
T opr
060
˚C
Incident light intentity (
λ = 780nm )
P I
-
2.5
mW
Fig. 2 Low Level Output Voltage vs.
Low Level Output Current
Fig. 3 Low Level Output Voltage vs.
Low level output Current I OL ( mA )
Supply voltage V CC (V)
Ambient temperature Ta ( ˚C)
Ambient temperature Ta (˚C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com