Electronic Components Datasheet Search
  English  ▼

X  

IS456 Datasheet(PDF) 5 Page - Sharp Corporation

Part # IS456
Description  High Speed Response Type OPIC Light Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS456 Datasheet(HTML) 5 Page - Sharp Corporation

  IS456 Datasheet HTML 1Page - Sharp Corporation IS456 Datasheet HTML 2Page - Sharp Corporation IS456 Datasheet HTML 3Page - Sharp Corporation IS456 Datasheet HTML 4Page - Sharp Corporation IS456 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IS456
Test Circuit for Response Time
510
Ω
0.1
µ F
0.2mW
90 %
10 %
1.5V
tPLH
tr
Output
0.1mW
0mW
current
Constant
Vref
CL
VCC = 5V
tf
tPHL
Incident
light
intensity
Output
Laser
diode
5.1
k
Ω
q Please refer to the chapter “Precautions for Use.”



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com