Electronic Components Datasheet Search
  English  ▼

X  

LH5116 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LH5116
Description  CMOS 16K (2K x 8) Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH5116 Datasheet(HTML) 2 Page - Sharp Corporation

  LH5116 Datasheet HTML 1Page - Sharp Corporation LH5116 Datasheet HTML 2Page - Sharp Corporation LH5116 Datasheet HTML 3Page - Sharp Corporation LH5116 Datasheet HTML 4Page - Sharp Corporation LH5116 Datasheet HTML 5Page - Sharp Corporation LH5116 Datasheet HTML 6Page - Sharp Corporation LH5116 Datasheet HTML 7Page - Sharp Corporation LH5116 Datasheet HTML 8Page - Sharp Corporation LH5116 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TRUTH TABLE
CE
OE
WE
MODE
I/O1 - I/O8
SUPPLY CURRENT
NOTE
L
X
L
Write
DIN
Operating (ICC)
1
L
L
H
Read
DOUT
Operating (ICC)
H
X
X
Deselect
High-Z
Standby (ISB)1
L
H
X
Outputs disable
High-Z
Operating (ICC)1
NOTE:
1.
X = H or L
I/O8
A8
A9
A10
23
22
19
9
13
16
5116-2
MEMORY CELL
ARRAY
(128 x128)
11
21
15
10
14
A7 1
WE
CE
A6 2
A5 3
18
A0 8
COLUMN
I/O CIRCUIT
COLUMN DECODERS
OE
VCC
GND
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
20
17
COLUMN ADDRESS
BUFFERS
4
A4
A3
A2
A1
7
5
6
24
12
CE
CE
Figure 2. LH5116/H Block Diagram
PIN DESCRIPTION
SIGNAL
PIN NAME
A0 - A10
Address input
CE
Chip Enable input
OE
Output Enable input
WE
Write Enable input
SIGNAL
PIN NAME
I/O1 - I/O8
Data input/output
VCC
Power supply
GND
Ground
LH5116/H
CMOS 16K (2K
× 8) Static RAM
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com