Electronic Components Datasheet Search
  English  ▼

X  

LH5116 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LH5116
Description  CMOS 16K (2K x 8) Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH5116 Datasheet(HTML) 3 Page - Sharp Corporation

  LH5116 Datasheet HTML 1Page - Sharp Corporation LH5116 Datasheet HTML 2Page - Sharp Corporation LH5116 Datasheet HTML 3Page - Sharp Corporation LH5116 Datasheet HTML 4Page - Sharp Corporation LH5116 Datasheet HTML 5Page - Sharp Corporation LH5116 Datasheet HTML 6Page - Sharp Corporation LH5116 Datasheet HTML 7Page - Sharp Corporation LH5116 Datasheet HTML 8Page - Sharp Corporation LH5116 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
NOTE
Supply voltage
VCC
-0.3 to +7.0
V
1
Input voltage
VIN
-0.3 to VCC + 0.3
V
1
Operating temperature
Topr
0 to +70
°C
2
-40 to +85
3
Storage temperature
Tstg
-55 to +150
°C
NOTES:
1.
The maximum applicable voltage on any pin with respect to GND.
2.
Applied to the LH5116/D/NA
3.
Applied to the LH5116H/HD/HN
RECOMMENDED OPERATING CONDITIONS
1
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VCC
4.5
5.0
5.5
V
Input voltage
VIH
2.2
VCC + 0.3
V
VIL
-0.3
0.8
V
NOTE:
1.
TA = 0 to 70°C (LH5116/D/NA), TA = -40 to +85°C (LH5116H/HD/HN)
DC CHARACTERISTICS
1 (VCC = 5 V ±10%)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
NOTE
Output ‘LOW’ voltage
VOL
IOL = 2.1 mA
0.4
V
Output ‘HIGH’ voltage
VOH
IOH = -1.0 mA
2.4
V
Input leakage current
ILI
VIN = 0 V to VCC
-1.0
1.0
µA
Output leakage current
ILO
CE = VIH, VI/O = 0 V to VCC
-1.0
1.0
µA
Operating current
ICC1
Outputs open (OE = VCC)25
30
mA
2
ICC2
Outputs open (OE = VIH)30
40
mA
3
Standby current
ISB
CE
≥ VCC - 0.2 V
All other input pins = 0 V to VCC
1.0
µA
0.2
4
NOTES:
1.
TA = 0 to 70°C (LH5116/D/NA), TA = -40 to +85°C (LH5116H/HD/HN)
2.
CE = 0 V; all other input pins = 0 V to VCC
3.
CE = VIL; all other input pins = VIL to VIH
4.
TA = 25°C
AC CHARACTERISTICS
1
(1) READ CYCLE (VCC = 5 V ±10%)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
NOTE
Read cycle time
tRC
100
ns
Address access time
tAA
100
ns
Chip enable access time
tACE
100
ns
Chip enable Low to output in Low-Z
tCLZ
10
ns
2
Output enable access time
tOE
40
ns
Output enable Low to output in Low-Z
tOLZ
10
ns
2
Chip disable to output in High-Z
tCHZ
040
ns
2
Output disable to output in High-Z
tOHZ
040
ns
2
Output hold time
tOH
10
ns
NOTES:
1.
TA = 0 to 70°C (LH5116/NA/D). TA = -40 to 85°C (LH5116H/HD/HN).
2.
Active output to high-impedance and high-impedance to output active tests specified for a
±200 mV transition
from steady state levels into the test load.
CMOS 16K (2K
× 8) Static RAM
LH5116/H
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com