Electronic Components Datasheet Search
  English  ▼

X  

LH5116 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LH5116
Description  CMOS 16K (2K x 8) Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH5116 Datasheet(HTML) 4 Page - Sharp Corporation

  LH5116 Datasheet HTML 1Page - Sharp Corporation LH5116 Datasheet HTML 2Page - Sharp Corporation LH5116 Datasheet HTML 3Page - Sharp Corporation LH5116 Datasheet HTML 4Page - Sharp Corporation LH5116 Datasheet HTML 5Page - Sharp Corporation LH5116 Datasheet HTML 6Page - Sharp Corporation LH5116 Datasheet HTML 7Page - Sharp Corporation LH5116 Datasheet HTML 8Page - Sharp Corporation LH5116 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
(2) WRITE CYCLE
1 (V
CC = 5 V ±10%)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
NOTE
Write cycle time
tWC
100
ns
Chip enable to end of write
tCW
80
ns
Address valid time
tAW
80
ns
Address setup time
tAS
0ns
Write pulse width
tWP
60
ns
Write recovery time
tWR
10
ns
Output active from end of write
tOW
10
ns
2
WE Low to output in High-Z
tWHZ
030
ns
2
Data valid to end of write
tDW
30
ns
Data hold time
tDH
10
ns
Output enable to output in High-Z
tOHZ
040
ns
2
Output active from end of write
tOW
10
ns
2
NOTES:
1.
TA = 0 to +70°C (LH5116/D/NA), TA = -40 to +85°C (LH5116H/HD/HN)
2.
Active output to high-impedance and high-impedance to output active tests specified for a
±200 mV transition
from steady state levels into the test load.
AC TEST CONDITIONS
PARAMETER
MODE
NOTE
Input voltage amplitude
0.8 V to 2.2 V
Input rise/fall time
10 ns
Timing reference level
1.5 V
Output load condition
1TTL + CL (100 pF)
1
NOTE:
1.
Includes scope and jig capacitance.
DATA RETENTION CHARACTERISTICS
1
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
NOTE
Data retention voltage
VCCDR
CE
≥ VCCRC - 0.2 V
2.0
5.5
V
Data retention current
ICCDR
CE
≥ VCCDR - 0.2 V,
VCCDR = 2.0 V
1.0
µA
0.2
2
Chip disable to data
retention
tCDR
0ns
Recovery time
tR
tRC
ns
3
NOTES:
1.
TA = 0 to +70°C (LH5116/D/NA), TA = -40 to +85°C (LH5116H/HD/HN)
2.
TA = 25°C
3.
tRC = Read cycle time
CAPACITANCE
1 (f = 1 MHz, T
A = 25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input capacitance
CIN
VIN = 0 V
7
pF
Input/output capacitance
CI/O
VI/O = 0 V
10
pF
NOTE:
1.
This parameter is sampled and not production tested.
LH5116/H
CMOS 16K (2K
× 8) Static RAM
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com