Electronic Components Datasheet Search
  English  ▼

X  

ACT4050 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT4050
Description  Wide Input 3.5A Step Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4050 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT4050 Datasheet HTML 1Page - Active-Semi, Inc ACT4050 Datasheet HTML 2Page - Active-Semi, Inc ACT4050 Datasheet HTML 3Page - Active-Semi, Inc ACT4050 Datasheet HTML 4Page - Active-Semi, Inc ACT4050 Datasheet HTML 5Page - Active-Semi, Inc ACT4050 Datasheet HTML 6Page - Active-Semi, Inc ACT4050 Datasheet HTML 7Page - Active-Semi, Inc ACT4050 Datasheet HTML 8Page - Active-Semi, Inc ACT4050 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Active-Semi
ACT4050
Rev 2, 01-Jul-11
- 4 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
Innovative Power
TM
FUNCTIONAL BLOCK DIAGRAM
FUNCTIONAL DESCRIPTION
As seen in Functional Block Diagram, the ACT4050
is a current mode pulse width modulation (PWM)
converter. The converter operates as follows:
A switching cycle starts when the rising edge of the
Oscillator clock output causes the High-Side Power
Switch to turn on and the Low-Side Power Switch to
turn off. With the SW side of the inductor now
connected to IN, the inductor current ramps up to
store energy in the magnetic field. The inductor
current level is measured by the Current Sense
Amplifier and added to the Oscillator ramp signal. If
the resulting summation is higher than the COMP
voltage, the output of the PWM Comparator goes
high. When this happens or when Oscillator clock
output goes low, the High-Side Power Switch turns
off and the Low-Side Power Switch turns on. At this
point, the SW side of the inductor swings to a diode
voltage below ground, causing the inductor current
to decrease and magnetic energy to be transferred
to output. This state continues until the cycle starts
again.
The High-Side Power Switch is driven by logic using
BS as the positive rail. This pin is charged to VSW + 6V
when the Low-Side Power Switch turns on.
The COMP voltage is the integration of the error
between FB input and the internal 0.817V
reference. If FB is lower than the reference voltage,
COMP tends to go higher to increase current to the
output. Current limit happens when COMP reaches
its maximum clamp value of 2.15V.
The Oscillator normally switches at 400kHz.
However, if FB voltage is less than 0.7V, then the
switching frequency decreases until it reaches a
typical value of 60kHz at VFB = 0.5V.
Shutdown Control
The ACT4050 EN pin contains a precision 1.1V
comparator with 100mV hysteresis, as well as a
2µA pull-up current source. This combination can
be used to control the on/off operation of
ACT4050 using several methods:
1) First, "always-on" operation can be enabled
simply by floating the EN pin. Any time power is
applied to VIN, the EN pull-up current source will
bring the pin above 1.1V and enable the IC. In
this case, under-voltage lockout will be controlled
by an internal 4.2V comparator on VIN.
2) Second, an open-drain or open-collector logic
device can be used to pull the EN pin low to
provide digital ON/OFF control. When the logic
pull-down is disabled, the internal 2µA pull-up
current will bring the EN pin high and enable the
chip.
3) Third, a known startup delay time can be created
by adding a small capacitor from EN to GND in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com