Electronic Components Datasheet Search
  English  ▼

X  

ACT4050 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT4050
Description  Wide Input 3.5A Step Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4050 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT4050 Datasheet HTML 5Page - Active-Semi, Inc ACT4050 Datasheet HTML 6Page - Active-Semi, Inc ACT4050 Datasheet HTML 7Page - Active-Semi, Inc ACT4050 Datasheet HTML 8Page - Active-Semi, Inc ACT4050 Datasheet HTML 9Page - Active-Semi, Inc ACT4050 Datasheet HTML 10Page - Active-Semi, Inc ACT4050 Datasheet HTML 11Page - Active-Semi, Inc ACT4050 Datasheet HTML 12Page - Active-Semi, Inc ACT4050 Datasheet HTML 13Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Active-Semi
ACT4050
Rev 2, 01-Jul-11
- 9 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
Innovative Power
TM
: D1 is a 30V, 5A Schottky diode with low forward voltage, a B530C equivalent. C4 can be either a ceramic capacitor (Panasonic
ECJ-3YB1C226M) or SP-CAP (Specialty Polymer) Aluminum Electrolytic Capacitor such as Panasonic EEFCD0J470XR. The SP-Cap
is based on aluminum electrolytic capacitor technology, but uses a solid polymer electrolyte and has very stable capacitance
characteristics in both operating temperature and frequency compared to ceramic, polymer, and low ESR tantalum capacitors.
Figure 4:
ACT4050 3.3V/3.5A Output Application
Table 4:
ACT4050EV Bill of Materials (Apply for 3.3V Output Application)
ITEM
DESCRIPTION
MANUFACTURER
QTY
REFERENCE
1
IC, ACT4050
Active-Semi
1
U1
2
Resistor, 30.5kΩ , 1%, SMT, 0603
FengHua, Neohm, Yageo
1
R1
3
Resistor, 10kΩ, 1%, SMT, 0603
FengHua, Neohm, Yageo
1
R2
4
Resistor, 12kΩ, 5%, SMT, 0603
FengHua, Neohm, Yageo
1
R3
5
Capacitor, Ceramic, 10µF/35V, X7R, SMT, 1206
Panasonic, Kemet, Murata,
TDK, FengHua, Taiyo Yuden
1
C1
6
Capacitor, Ceramic, 22µF/6.3V, X7R, SMT, 1206
Panasonic, Kemet, Murata,
TDK, FengHua, Taiyo Yuden
2
C4
7
Capacitor, Ceramic, 10nF/50V, X7R, SMT, 0603
Panasonic, Kemet, Murata,
TDK, FengHua, Taiyo Yuden
1
C3
8
Capacitor, Ceramic, 1.5nF/6.3V, X7R, SMT, 0603
Panasonic, Kemet, Murata,
TDK, FengHua, Taiyo Yuden
1
C2
9
Capacitor, Ceramic, 220pF/6.3V, X7R, SMT, 0603
Panasonic, Kemet, Murata,
TDK, FengHua, Taiyo Yuden
1
C5 (OPTIONAL)
10
Schottky Diode SK53/30V, 5A, SMC
Diodes
1
D1
11
Inductor, CDRH8D43-100NC, 10µH
Sumida
1
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com