Electronic Components Datasheet Search
  English  ▼

X  

ACT4050 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT4050
Description  Wide Input 3.5A Step Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4050 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT4050 Datasheet HTML 1Page - Active-Semi, Inc ACT4050 Datasheet HTML 2Page - Active-Semi, Inc ACT4050 Datasheet HTML 3Page - Active-Semi, Inc ACT4050 Datasheet HTML 4Page - Active-Semi, Inc ACT4050 Datasheet HTML 5Page - Active-Semi, Inc ACT4050 Datasheet HTML 6Page - Active-Semi, Inc ACT4050 Datasheet HTML 7Page - Active-Semi, Inc ACT4050 Datasheet HTML 8Page - Active-Semi, Inc ACT4050 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Active-Semi
ACT4050
Rev 2, 01-Jul-11
- 5 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
Innovative Power
TM
CAPACITOR VALUE
DELAY TIME (ms)
2.2nF
1.2
3.3nF
1.9
10nF
5.5
addition to the open-drain or open-collector logic
device. When the logic pull-down is disabled, the
voltage at EN will ramp up at a rate determined by
the 2µA EN pull-up current and the capacitor.
Once the voltage at EN exceeds the 1.1V
threshold, the device will be enabled. For the
case of using multiple ACT4050, time-based
output sequencing can be generated by placing
different capacitors at each ACT4050 EN pin.
The start up time delay can be calculated as a
simple function of the EN capacitor using the
equation:
T (ms) = 0.55 × CEN (nF)
Table 1:
Enable Delay Time vs. EN Capacitor Value
4) Fourth, by using the 1.1V precision comparator in
the EN circuitry, "power-OK" type output
sequencing can be generated. By connecting the
EN pin of one ACT4050 to the output of another
device, the ACT4050 will only start up once the
second device's output has exceeded the 1.1V
level. A resistor divider can be used to adjust the
ACT4050 startup to any point on the second
device's output range.
5) Finally, the EN comparator can be used for "Line
UVLO" to prevent the ACT4050 from starting up
before the input voltage is high enough to
support the output. By using a resistor divider
from VIN to GND (center tap = 1.1V EN
threshold), the device can be enabled and
disabled based on the voltage at VIN. Since the
internal UVLO voltage is 4.2V, Line UVLO is
recommended for outputs above this 4.2V level
to ensure clean startup. For the example of a 5V
output, it is desirable to prevent IC startup until
VIN has exceeded the 5V level. To start the IC at
6V input, we place a 10kΩ/47kΩ resistor divider
from VIN to EN to GND, which enables the IC at
VIN greater than 6.3V and disables the IC when
VIN decreases below 5.2V.
Thermal Shutdown
The ACT4050 automatically turns off when its junction
temperature exceeds 160°C and automatically turns
on again when the junction temperature falls below
140°C .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com