Electronic Components Datasheet Search
  English  ▼

X  

UM232H Datasheet(PDF) 19 Page - Future Technology Devices International Ltd.

Part # UM232H
Description  UM232H Single Channel USB Hi-Speed FT232H Development Module Datasheet
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UM232H Datasheet(HTML) 19 Page - Future Technology Devices International Ltd.

Back Button UM232H Datasheet HTML 15Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 16Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 17Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 18Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 19Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 20Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 21Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 22Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 23Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
18
© Copyright 2011 Future Technology Devices International Ltd
Document Reference No.: FT_000367
UM232H Single Channel USB Hi-Speed FT232H Development Module
Datasheet Version 1.2
Clearance No.: FTDI# 198
Self-Powered Configuration with 3V3 I/O and running on +3.3V external supply:
USB
5V0
3V3
VIO
J2-1
J2-14
J1-1
J1-14
3V3
MCU
TXD
TXD
RXD
RXD
RTS#
CTS#
RTS#
CTS#
5V or 3V3
3V3
PU1
RST#
PU2
Figure 7.5 : Self-Powered Configuration – 3V3 External Supply
Figure 7.4 illustrates the UM232H in a typical USB Self-Powered configuration similar to Figure 7.3. The
difference here is that the UM232H module is powered from an external 3.3V supply which is connected to
the 5V0 (+3V3 power supply input can also be supplied to 5V0 pin), VIO and 3V3 pins of the modules.
Please note that when the UM232H running from +3V3, the 3V3 pin becomes an input. The VIO and 3V3
pins connection provides 3V3 to the VCCIOs, VPLL and VPHY on the FT232H chip.
Simularly to the USB-Powered configuation an alternative configuration which utilised PWRSAV# can be
implemented. Figure 7.6 illustrated this configuration.
USB
5V0
3V3
VIO
J2-1
J2-14
J1-1
J1-14
3V3
MCU
TXD
TXD
RXD
RXD
RTS#
CTS#
RTS#
CTS#
5V or 3V3
3V3
PU1
ACBUS7
PU2
Figure 7.6 : Alternative Self-Powered Configuration – 3V3 External Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com