Electronic Components Datasheet Search
  English  ▼

X  

UM232H Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # UM232H
Description  UM232H Single Channel USB Hi-Speed FT232H Development Module Datasheet
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UM232H Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button UM232H Datasheet HTML 17Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 18Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 19Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 20Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 21Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 22Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 23Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 24Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 25Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
20
© Copyright 2011 Future Technology Devices International Ltd
Document Reference No.: FT_000367
UM232H Single Channel USB Hi-Speed FT232H Development Module
Datasheet Version 1.2
Clearance No.: FTDI# 198
9 EEPROM Configuration
The FT232H uses an external EEPROM (on the UM232H module). This EEPROM can be programmed over
USB using FT_Prog. The default settings of the EEPROM are shown in the following table:
Parameter
Value
Notes
USB Vendor ID (VID)
0403h
FTDI default VID (hex)
USB Product UD (PID)
6014h
FTDI default PID (hex)
bcd Device
009h
Serial Number Enabled?
Yes
Serial Number
See Note
A unique serial number is generated and programmed
into the EEPROM during device final test.
Pull down I/O Pins in USB
Suspend
Disabled
Enabling this option will make the device pull down
on the UART interface lines when in USB suspend
mode (PWREN# is high).
Manufacturer Name
FTDI
Product Description
UM232H
Max Bus Power Current
90mA
Power Source
Bus Powered
Device Type
FT232H
USB Version
0200
Returns USB 2.0 device description to the host.
Note: The device is a USB 2.0 Full Speed device
(12Mb/s) as opposed to a USB 2.0 Hi-Speed device
(480Mb/s).
Remote Wake Up
Enabled
Taking RI# low will wake up the USB host controller
from suspend in approximately 20 ms.
High Current I/Os
Disabled
Enables the high drive level on the UART and ACBUS
I/O pins.
Load VCP Driver
Enabled
Makes the device load the VCP driver interface for the
device.
ACBUS0
TriSt-PU
Default configuration of ACBUS0 – Input pulled up
ACBUS1
TriSt-PU
Default configuration of ACBUS1 – Input pulled up
ACBUS2
TriSt-PU
Default configuration of ACBUS2 Input pulled up
ACBUS3
TriSt-PU
Default configuration of ACBUS3 – Input pulled up
ACBUS4
TriSt-PU
Default configuration of ACBUS4 – Input pulled up
ACBUS5
TriSt-PU
Default configuration of ACBUS5 – Input pulled up
ACBUS6
TriSt-PU
Default configuration of ACBUS6 – Input pulled up
ACBUS7
TriSt-PU
Default configuration of ACBUS7 – Input pulled down
ACBUS8
PWRENn
Default configuration of ACBUS8 – PWR LED
ACBUS9
TX&RXLED
Default configuration of ACBUS9 – Tx/Rx LED
Table 9.1 : Default Internal EEPROM Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com