Electronic Components Datasheet Search
  English  ▼

X  

UM232H Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # UM232H
Description  UM232H Single Channel USB Hi-Speed FT232H Development Module Datasheet
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UM232H Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  UM232H Datasheet HTML 1Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 2Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 3Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 4Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 5Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 6Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 7Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 8Page - Future Technology Devices International Ltd. UM232H Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
1
© Copyright 2011 Future Technology Devices International Ltd
Document Reference No.: FT_000367
UM232H Single Channel USB Hi-Speed FT232H Development Module
Datasheet Version 1.2
Clearance No.: FTDI# 198
1 Introduction
The UM232H is a USB-to-serial/FIFO development module in the FTDI product range which utilises the
FT232H USB Hi-Speed (480Mb/s) single-port bridge chip to handle the USB signaling and protocols. The
UM232H is ideal for development purposes to quickly prove functionality of adding USB to a target design.
The UM232H is a module designed to plug into a standard 0.6” wide 28 pin DIP socket. The USB connection
to a host system is via a mini-B USB connector. All components used, including the FT232H, are Pb-free
(RoHS compliant).
Figure 1.1 : UM232H USB to Serial/FIFO Development Module
1.1 FT232H
The FT232H is a single channel USB 2.0 Hi-Speed (480Mb/s) to Serial/FIFO IC. It can be configured in a
variety of serial or parallel interfaces, such as UART, FIFO or FTDI’s MPSSE mode which can configure either
of the following interfaces: JTAG, SPI and I2C. For MPSSE mode, there is also 14 bit-banging lines available
along with the four interface lines. In addition to these, the FT232H supports a CPU-Style FIFO mode and a
fast serial interface mode. It also introduces a half-duplex FT1248 interface that provides a flexible data
communication and high performance interface between the FT232H device and external logic. For further
details on the FT232H and the FT1248 mode, please refer to the FT232H datasheet and application note:
AN_167 FT1248 Parallel Serial Interface Basics, located at the FTDI website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com