Electronic Components Datasheet Search
  English  ▼

X  

RB480K Datasheet(PDF) 2 Page - Micro Commercial Components

Part # RB480K
Description  40 Volts Schottky Barrier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RB480K Datasheet(HTML) 2 Page - Micro Commercial Components

  RB480K Datasheet HTML 1Page - Micro Commercial Components RB480K Datasheet HTML 2Page - Micro Commercial Components RB480K Datasheet HTML 3Page - Micro Commercial Components RB480K Datasheet HTML 4Page - Micro Commercial Components RB480K Datasheet HTML 5Page - Micro Commercial Components RB480K Datasheet HTML 6Page - Micro Commercial Components RB480K Datasheet HTML 7Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RB480K
40 Volts
Schottky Barrier Diode
Features
•
Low Current Rectification
•
High Reliability
•
Marking: 3T
MaximumRatings
Symbol
Parameter
Rating
Unit
VRM
Peak Reverse Voltage
45
V
VR
DC Reverse Voltage
40
V
IO
Mean Rectifying Current
0.1
A
IFSM
Peak Forward Surge Current
1
A
TJ
Junction Temperature
125
TSTG
Storage Temperature
-40 to +125
ElectricalCharacteristics@25OCUnlessOtherwiseSpecified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
VF
Forward Voltage
(IF=10mAdc)
(IF=100mAdc)
---
---
---
---
0.45
0.60
Vdc
IR
Reverse Current
(VR=10Vdc)
(VR=40Vdc)
---
---
---
---
1
5
uAdc
CD
Diode Capacitance
(VR=0V)
(VR=10V, f=1MHz)
---
---
---
6
25
---
pF
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.035
.043
0.90
1.10
A1
---
.004
---
0.10
A2
.035
.039
0.9
1.00
b
.006
.014
0.15
0.35
c
.003
.006
0.08
0.15
D
.079
.087
2.00
2.20
E
.045
.053
1.15
1.35
E1
.085
.096
2.15
2.45
e
.026TYP
0.65TYP
e1
.047
.055
1.20
1.40
L
.021REF
0.525REF
L1
.010
.018
0.26
0.46
©
0
e
8
e
0
e
8
e
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
www.mccsemi.com
Revision: 6
2008/01/01
TM
Micro Commercial Components
1 of 6
SOT-343
D
e1
e
E1
A1
A2
A
b
c
L1
E
L
2
3
1
4
3
1
2
4
Pin Orientation in the Tape
3T
+
+
-
-
•
Case Material:Molded Plastic. UL Flammability
Classificatio Rating 94-0 and MSL Rating 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com