Electronic Components Datasheet Search
  English  ▼

X  

RB480K Datasheet(PDF) 6 Page - Micro Commercial Components

Part # RB480K
Description  40 Volts Schottky Barrier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RB480K Datasheet(HTML) 6 Page - Micro Commercial Components

  RB480K Datasheet HTML 1Page - Micro Commercial Components RB480K Datasheet HTML 2Page - Micro Commercial Components RB480K Datasheet HTML 3Page - Micro Commercial Components RB480K Datasheet HTML 4Page - Micro Commercial Components RB480K Datasheet HTML 5Page - Micro Commercial Components RB480K Datasheet HTML 6Page - Micro Commercial Components RB480K Datasheet HTML 7Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SURFACE MOUNT
Tape
Size
A
Max.
B*
Min.
C
D*
Max.
N
Min.
G
T
Max.
8mm
330
1.5
13.0±0.20
20.2
75
8.4(
+1.5
-0.0)
14.4
12mm
330
1.5
13.0±0.20
20.2
75
12.4(
+2.0
-0.0)
18.4
16mm
360
1.5
13.0±0.20
20.2
75
16.4(
+2.0
-0.0)
22.4
24mm
360
1.5
13.0±0.20
20.2
75
24.4(
+2.0
-0.0)
30.4
Start And Finish Specifications
N
A
T
G
C
D*
B*
Full Radius
(measured at hub)
* Drive spoke dimensions optional. If
drive spoke is used then asterisked
dimensions apply.
No Components*
160±8mm
Components
No Components*
390±8mm
*Empty component pockets
sealed with cover tape
Direction Of Feed
Cover
Tape
MCC
Revision: 6
2008/01/01
TM
Micro Commercial Components
5 of 6
www.mccsemi.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com