Electronic Components Datasheet Search
  English  ▼

X  

RB480K Datasheet(PDF) 5 Page - Micro Commercial Components

Part # RB480K
Description  40 Volts Schottky Barrier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RB480K Datasheet(HTML) 5 Page - Micro Commercial Components

  RB480K Datasheet HTML 1Page - Micro Commercial Components RB480K Datasheet HTML 2Page - Micro Commercial Components RB480K Datasheet HTML 3Page - Micro Commercial Components RB480K Datasheet HTML 4Page - Micro Commercial Components RB480K Datasheet HTML 5Page - Micro Commercial Components RB480K Datasheet HTML 6Page - Micro Commercial Components RB480K Datasheet HTML 7Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SURFACE MOUNT
Tape Size
R Min.
8mm
25mm
12mm
30mm
16mm
30mm
24mm
30mm
Camber (Top View)
Allowable camber to be 1mm/100mm non-accumulative over 250mm
Top cover tape
thickness
0.10mm Max.
R Min.
Bending Radius
100 mm
250mm
1mm Max.
1mm Max.
Maximum Component Rotation
Typical Component
Cavity Center Line
Typical Component Center Line
20°
MCC
Revision: 6
2008/01/01
TM
Micro Commercial Components
4 of 6
www.mccsemi.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com