Electronic Components Datasheet Search
  English  ▼

X  

LR38516 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LR38516
Description  Timing Generator IC for 350 k-pixel Progressive Scan Color CCDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38516 Datasheet(HTML) 3 Page - Sharp Corporation

  LR38516 Datasheet HTML 1Page - Sharp Corporation LR38516 Datasheet HTML 2Page - Sharp Corporation LR38516 Datasheet HTML 3Page - Sharp Corporation LR38516 Datasheet HTML 4Page - Sharp Corporation LR38516 Datasheet HTML 5Page - Sharp Corporation LR38516 Datasheet HTML 6Page - Sharp Corporation LR38516 Datasheet HTML 7Page - Sharp Corporation LR38516 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LR38516
3
PIN NO. SYMBOL
I/O
POLARITY
PIN NAME
DESCRIPTION
1
VTAX
O3
Vertical transfer
pulse output 1
A vertical transfer pulse for CCD.
Connect to V1AX pin of the vertical driver IC.
For details, see "CONNECTION OF VERTICAL TRANSFER PULSES".
2
VTBX
O3
Vertical transfer
pulse output 2
A vertical transfer pulse for CCD.
Connect to V2AX pin of the vertical driver IC.
For details, see "CONNECTION OF VERTICAL TRANSFER PULSES".
3
VTCX
O3
Vertical transfer
pulse output 3
A vertical transfer pulse for CCD.
Connect to V3AX pin of the vertical driver IC.
For details, see "CONNECTION OF VERTICAL TRANSFER PULSES".
4
VTDX
O3
Vertical transfer
pulse output 4
A vertical transfer pulse for CCD.
Connect to V4AX pin of the vertical driver IC.
For details, see "CONNECTION OF VERTICAL TRANSFER PULSES".
5
OFDX
O3
OFD pulse output
A pulse that sweeps the charge of the photo-diode
for the electronic shutter. Connect to OFD pin of CCD
through the vertical driver IC and DC offset circuit.
Held at H level at normal mode.
6VDD3
–
Power supply
Supply of +3 V power.
A grounding pin.
Ground
–
GND
7–
9
VHCX
O3
Readout pulse
output 3
A pulse that transfers the charge of the photo-diode to
the vertical shift register.
For details, see "CONNECTION OF VERTICAL TRANSFER PULSES".
8
VHAX
O3
Readout pulse
output 1
A pulse that transfers the charge of the photo-diode to
the vertical shift register.
For details, see "CONNECTION OF VERTICAL TRANSFER PULSES".
The pulse is used in color separator. The signal
switches H and L at every line.
H : R color line
L : B color line
Line index pulse
output
O3
ID
10
11
WEN
O3
Write enable output
Write enable output for low-speed shutter pulse.
A test pin. Set open or to L level in the normal mode.
Test pin 1
ICD3
TST1
12
–
13
PBLK
O5
Pre-blanking pulse
output
A pulse that corresponds to the cease period of the
horizontal transfer pulse.
A pulse to clamp the optical black signal.
Output stays low during the absence of effective pixels
within the vertical blanking.
Optical black clamp
pulse output
O5
BCPX
14
–
PIN DESCRIPTION
15
BPX
O5
Clamp pulse output
A pulse to clamp the signal. The phase is same as BCPX
(pin 14). This pulse is continuous at horizontal cycle.
A pulse to clamp the dummy outputs of CCD. The pulse
stays high during the sweep-out period.
Clamp pulse output
O5
CLPX
16
17
GND
–
Ground
A grounding pin.
–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com