Electronic Components Datasheet Search
  English  ▼

X  

LR38516 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LR38516
Description  Timing Generator IC for 350 k-pixel Progressive Scan Color CCDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38516 Datasheet(HTML) 4 Page - Sharp Corporation

  LR38516 Datasheet HTML 1Page - Sharp Corporation LR38516 Datasheet HTML 2Page - Sharp Corporation LR38516 Datasheet HTML 3Page - Sharp Corporation LR38516 Datasheet HTML 4Page - Sharp Corporation LR38516 Datasheet HTML 5Page - Sharp Corporation LR38516 Datasheet HTML 6Page - Sharp Corporation LR38516 Datasheet HTML 7Page - Sharp Corporation LR38516 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LR38516
4
PIN NO. SYMBOL
I/O
POLARITY
PIN NAME
DESCRIPTION
A pulse to sample-hold the signal from CCD.
The polarity can be changed by serial data.
The output phase of FS is selected by serial data.
CDS pulse output 2
O6MA5
FS
19
20
VDD5
–
Power supply
Supply of +5 V power.
A pulse to sample-hold the signal from CDS circuit.
The polarity can be changed by serial data.
The output phase of RS is selected by serial data.
S/H pulse output
O6MA5
RS
21
–
A grounding pin.
Ground
–
GND
23
22
FR
O6MA52
Reset pulse output
A pulse to reset the charge of output circuit.
Connect to ØR pin of CCD through the DC offset circuit.
The output phase of FR is selected by serial data.
24
TST2
ICD3
Test pin 2
A test pin. Set open or to L level in the normal mode.
An input pin for reference clock oscillation.
Connect to CKO (pin 26) with R.
Frequency : 24.54545 MHz (1 560 fH)
fH = Horizontal frequency
Clock input
OSCI3
CKI
25
–
–
26
CKO
OSCO3
Clock output
An output pin for reference clock oscillation.
The output is the inverse of CKI (pin 25).
18
FCDS
O6MA5
CDS pulse output 1
A pulse to clamp the feed-through level from CCD.
The polarity can be changed by serial data.
The output phase of FCDS is selected by serial data.
–
–
An output pin to generate HD and VD pulses.
Connect to clock input pin of SSG IC.
Frequency : 12.27273 MHz (780 fH)
Clock output
O6MA3
CLK
27
An input pin for the data of the shift register, to control
the functions of LR38516. For details, see "Serial Data
Control".
Shift register data
input
ED2
35
IC3
–
An output pin for DSP IC. The output phase of DCLK is
selected by serial data step by 90˚.
Frequency : 12.27273 MHz (780 fH)
Clock output
O6MA3
DCLK
28
An input pin for reference of vertical pulse.
Connect to VD pin of DSP IC.
Vertical reference
pulse input
IC3
DMVD
29
–
30
VDD3
–
Power supply
Supply of +3 V power.
A grounding pin.
Ground
–
GND
31
–
32
HD
IC3
Horizontal reference
pulse input
An input pin for reference of horizontal pulse.
Connect to HD pin of DSP IC.
An input pin for the strobe pulse, to control the functions
of LR38516. For details, see "Serial Data Control".
Strobe pulse input
ED0
33
IC3
–
–
IC3
34
ED1
Shift register clock
input
An input pin for the clock of the shift register, to control
the functions of LR38516. For details, see "Serial Data
Control".
–
ICD3
36
TST3
Test pin 3
A test pin. Set open or to L level in the normal mode.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com