Electronic Components Datasheet Search
  English  ▼

X  

LR38516 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LR38516
Description  Timing Generator IC for 350 k-pixel Progressive Scan Color CCDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38516 Datasheet(HTML) 5 Page - Sharp Corporation

  LR38516 Datasheet HTML 1Page - Sharp Corporation LR38516 Datasheet HTML 2Page - Sharp Corporation LR38516 Datasheet HTML 3Page - Sharp Corporation LR38516 Datasheet HTML 4Page - Sharp Corporation LR38516 Datasheet HTML 5Page - Sharp Corporation LR38516 Datasheet HTML 6Page - Sharp Corporation LR38516 Datasheet HTML 7Page - Sharp Corporation LR38516 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LR38516
5
PIN NO. SYMBOL
I/O
POLARITY
PIN NAME
DESCRIPTION
An input pin to select CCD.
At CCD1 = H and CCD2 = H
1/4-type 350 k-pixel CCD (at NTSC)
At CCD1 = H and CCD2 = L
1/3-type 350 k-pixel CCD (at NTSC)
CCD selection input 1
CCD1
37
ICU4
–
–
ICU4
38
CCD2
CCD selection input 2
–
ICU4
39
CLRX
Data clear input
An input pin for resetting all serial data at power on.
Connect VDD through the diode and GND through the
capacitor.
Supply of +4.5 V power.
Power supply
VDD4
40
–
O6MA43
41
FH1
Horizontal transfer
pulse output 1
A horizontal transfer pulse for CCD.
Connect to ØH1 pin of CCD.
–
–
–
A grounding pin.
Ground
GND
42
–
O6MA43
43
FH2
Horizontal transfer
pulse output 2
A horizontal transfer pulse for CCD.
Connect to ØH2 pin of CCD.
Supply of +4.5 V power.
Power supply
VDD4
44
–
–
45
NC
No connection
No connection.
–
An output pin for A/D converter. The output phase of
ADCK is selected by serial data step by 90˚.
AD clock output
O6MA4
ADCK
46
47
GND
–
Ground
A grounding pin.
–
Composite blanking pulse.
Vertical : 33H period
Dummy composite
output
O3
DBLK
48
IC3
: Input pin (CMOS level)
ICU4
: Input pin (CMOS level with pull-up resistor)
ICD3
: Input pin (CMOS level with pull-down resistor)
O3
: Output pin
O6MA3
: Output pin
O6MA4
: Output pin
O6MA43 : Output pin
O5
: Output pin
O6MA5
: Output pin
O6MA52 : Output pin
OSCI3
: Input pin for oscillation
OSCO3
: Output pin for oscillation
CONNECTION OF VERTICAL TRANSFER PULSES
OUTPUT PULSE
VTAX
VHAX
VTDX
VTBX
VHCX
VTCX
3-level pulse with V driver
2-level pulse with V driver
2-level pulse with V driver
3-level pulse with V driver
LEVEL SHIFT, INVERT, MIX
1/4-TYPE 350 k
ØV3B
ØV1
ØV2
ØV3A
ØV3
ØV2
ØV4
ØV1
1/3-TYPE 350 k, 380 k AND 450 k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com