Electronic Components Datasheet Search
  English  ▼

X  

LR38580 Datasheet(PDF) 8 Page - Sharp Corporation

Part # LR38580
Description  Single-chip Driver IC for 270 k/320 k-pixel B/W CCDs with Dual-power-supply Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38580 Datasheet(HTML) 8 Page - Sharp Corporation

  LR38580 Datasheet HTML 1Page - Sharp Corporation LR38580 Datasheet HTML 2Page - Sharp Corporation LR38580 Datasheet HTML 3Page - Sharp Corporation LR38580 Datasheet HTML 4Page - Sharp Corporation LR38580 Datasheet HTML 5Page - Sharp Corporation LR38580 Datasheet HTML 6Page - Sharp Corporation LR38580 Datasheet HTML 7Page - Sharp Corporation LR38580 Datasheet HTML 8Page - Sharp Corporation LR38580 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LR38580
8
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD = 5.0±0.5 V, VDD12 = 12.5±0.5 V, TOPR = –20 to +70 ˚C)
PARAMETER
SYMBOL
RATING
UNIT
Supply voltage
VDD
–0.3 to +6.0
V
VDD12
–0.3 to +15.0
V
Input voltage
VI
–0.3 to VDD + 0.3
V
Output voltage
VO
–0.3 to VDD + 0.3
V
Operating temperature
TOPR
–20 to +70
˚C
Storage temperature
TSTG
–55 to +150
˚C
Input "Low" voltage
VIL
1.5
V
1
Input "High" voltage
VIH
3.5
V
Input "Low" voltage
VT+
3.7
V
2
VT–
1.0
V
Hysteresis voltage
VT+ – VT–
0.2
V
Input "Low" current
|IIL5-1|VI = 0 V
2.0
µA
3
Input "High" current
|IIH5-1|VI = VDD
2.0
µA
Input "Low" current
|IIL5-2|VI = 0 V
8.0
60
µA
4
Input "High" current
|IIH5-2|VI = VDD
2.0
µA
Output "High" voltage
VOH5-1
IOH = –2 mA
4.0
V
6
Output "Low" voltage
VOL5-1
IOL = 4 mA
0.4
V
Output "High" voltage
VOH5-2
IOH = –3 mA
4.0
V
7
Output "Low" voltage
VOL5-2
IOL = 3 mA
0.4
V
Output "High" voltage
VOH5-3
IOH = –6 mA
4.0
V
8
Output "Low" voltage
VOL5-3
IOL = 8 mA
0.4
V
Output "High" voltage
VOH5-4
IOH = –9 mA
4.0
V
9
Output "Low" voltage
VOL5-4
IOL = 12 mA
0.4
V
Output "High" voltage
VOH12
IOH = –12 mA
12.0
V
10
Output "Low" voltage
VOL12
IOL = 12 mA
0.5
V
Output "Low" voltage
VOL5-5
IOL = 4 mA
0.4
V
11
Output leakage current
|IOZ5-5|
High-Z
1.0
µA
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
NOTE
Input "High" voltage
V
–0.3 to VDD12 + 0.3
VO12
µA
8.0
VI = VDD
|IIH5-3|
Input "High" current
µA
2.0
60
VI = 0 V
|IIL5-3|
Input "Low" current
5
NOTES :
1. Applied to inputs (IC, ICD, ICU, OSCI).
2. Applied to input (ICSU).
3. Applied to inputs (IC, OSCI).
4. Applied to inputs (ICU, ICSU).
5. Applied to input (ICD).
6. Applied to output (O).
7. Applied to output (OSC3M). (Output (OSC3M) measures
on condition that input (OSCI) level is 0 V or VDD).
8. Applied to output (O4MA2).
9. Applied to output (O4MA3).
10. Applied to output (O12MHV).
11. Applied to output (ON).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com