Electronic Components Datasheet Search
  English  ▼

X  

LR38580 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LR38580
Description  Single-chip Driver IC for 270 k/320 k-pixel B/W CCDs with Dual-power-supply Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38580 Datasheet(HTML) 5 Page - Sharp Corporation

  LR38580 Datasheet HTML 1Page - Sharp Corporation LR38580 Datasheet HTML 2Page - Sharp Corporation LR38580 Datasheet HTML 3Page - Sharp Corporation LR38580 Datasheet HTML 4Page - Sharp Corporation LR38580 Datasheet HTML 5Page - Sharp Corporation LR38580 Datasheet HTML 6Page - Sharp Corporation LR38580 Datasheet HTML 7Page - Sharp Corporation LR38580 Datasheet HTML 8Page - Sharp Corporation LR38580 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LR38580
5
PIN NO. SYMBOL
I/O
POLARITY
PIN NAME
DESCRIPTION
29
ACLX
ICU
–
All clear input
An input pin for resetting all internal circuits at power on.
Connect VDD through the diode and GND through the
capacitor.
30
VDD
–
–
Power supply
Supply of +5 V power.
31
GND
–
–
Ground
A grounding pin.
32
HD
O
Horizontal drive
pulse output
The pulse occurs at the start of every line.
33
VD
O
Vertical drive pulse
output
The pulse occurs at the start of every field.
34
EEMD
ICU
–
Electronic exposure
and WIND pulse
control input 2
An input pin to control electronic exposure mode, flicker-
less mode and WIND (pin 3) pulse output, used with
FLMD (pin 13).
35
EEUD
IC
–
Electronic exposure
control input 2
An input pin to control electronic exposure.
36
EENR
IC
–
Electronic exposure
control input 3
37
SMAX
ICU
–
Shutter speed
control input 1
An input pin to control maximum and initial shutter
speed with STSL (pin 40).
38
FS
O4MA2
CDS pulse output 1
A pulse to sample-hold the signal from CCD.
39
FCDS
O4MA2
CDS pulse output 2
A pulse to clamp the feed-through level from CCD.
40
STSL
ICU
–
Shutter speed
control input 2
An input pin to control maximum and initial shutter
speed with SMAX (pin 37).
EEUD EENR
Shutter Speed
H
L
up
H
H
control stopped
L
H
down
SMAX STSL Maximum speed
Initial Speed
H
H
∏ 1/ 32 000
∏ 1/
1 000
L
H
∏ 1/ 56 000
∏ 1/
1 000
L
L
∏ 1/101 000
∏ 1/101 000
H
L
∏ 1/101 000
∏ 1/
1 000
SMAX STSL Maximum Speed
Initial Speed
H
H
∏ 1/ 32 000
∏ 1/
1 000
L
H
∏ 1/ 56 000
∏ 1/
1 000
L
L
∏ 1/101 000
∏ 1/101 000
H
L
∏ 1/101 000
∏ 1/
1 000
28
TVMD
ICU
–
TV mode selection
input
An input pin to select TV standards.
L level
: EIA mode
H level or open
: CCIR mode
27
TST5
ICD
–
Test pin 5
A test pin. Set open or to L level in the normal mode.
26
OSCO
OSC3M
–
Clock output
An output pin for reference clock oscillation.
The output is the inverse of OSCI (pin 25).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com