Electronic Components Datasheet Search
  English  ▼

X  

LR38580 Datasheet(PDF) 7 Page - Sharp Corporation

Part # LR38580
Description  Single-chip Driver IC for 270 k/320 k-pixel B/W CCDs with Dual-power-supply Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38580 Datasheet(HTML) 7 Page - Sharp Corporation

  LR38580 Datasheet HTML 1Page - Sharp Corporation LR38580 Datasheet HTML 2Page - Sharp Corporation LR38580 Datasheet HTML 3Page - Sharp Corporation LR38580 Datasheet HTML 4Page - Sharp Corporation LR38580 Datasheet HTML 5Page - Sharp Corporation LR38580 Datasheet HTML 6Page - Sharp Corporation LR38580 Datasheet HTML 7Page - Sharp Corporation LR38580 Datasheet HTML 8Page - Sharp Corporation LR38580 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LR38580
7
SUPPLEMENTARY EXPLANATION
Shutter speed changes at electronic exposure control mode.
Select maximum shutter speed and initial shutter speed.
EIA
CCIR
No.
Charge Time
Shutter Speed
No.
Charge Time
Shutter Speed
0
262H or 263H
∏ 1/
60 s
0
312H or 313H
∏ 1/
50 s
1
252H + Ω
∏ 1/
62 s
1
302H + ß
∏ 1/
52 s
•
(by 10H step)
•
(by 10H step)
19
72H + Ω
∏ 1/
220 s
24
72H + ß
∏ 1/
220 s
•
(by 4H step)
•
(by 4H step)
30
28H + Ω
∏ 1/
555 s
35
28H + ß
∏ 1/
550 s
•
(by 2H step)
•
(by 2H step)
37
14H + Ω
∏ 1/
1 100 s
42
14H + ß
∏ 1/
1 090 s
•
(by 1H step)
•
(by 1H step)
44
7H + Ω
∏ 1/
2 140 s
49
7H + ß
∏ 1/
2 125 s
•
(by 0.5H step)
•
(by 0.5H step)
50
4H + Ω
∏ 1/
3 610 s
55
4H + ß
∏ 1/
3 590 s
•
(by 0.25H step)
•
(by 0.25H step)
62
1H + Ω
∏ 1/ 11 570 s
67
1H + ß
∏ 1/ 11 550 s
•
(by 0.125H step)
•
(by 0.125H step)
69
0.125H + Ω
∏ 1/ 32 450 s
74
0.125H + ß
∏ 1/ 32 690 s
70
0.280H
∏ 1/ 56 090 s
75
0.275H
∏ 1/ 56 800 s
Ω = 0.360H
ß = 0.353H
71
0.155H
∏ 1/101 430 s
76
0.152H
∏ 1/102 720 s
SMAX STSL
MAXIMUM SHUTTER SPEED (s)
INITIAL SHUTTER SPEED (s)
Pin 37 Pin 40 Step
EIA
Step
CCIR
Step
EIA
Step
CCIR
H
H
69
∏ 1/ 32 450
74
∏ 1/ 32 690
37
∏ 1/
1 100
37
∏ 1/
1 090
L
H
70
∏ 1/ 56 090
75
∏ 1/ 56 800
37
∏ 1/
1 100
37
∏ 1/
1 090
H
L
71
∏ 1/101 430
76
∏ 1/102 720
37
∏ 1/
1 100
37
∏ 1/
1 090
L
L
71
∏ 1/101 430
76
∏ 1/102 720
76
∏ 1/101 430
76
∏ 1/102 720



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com