Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS31 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS570LS31
Description  TMS570LS31 Hercules ARM Safety MCU Development Kit (HDK)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS31 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS570LS31 Datasheet HTML 9Page - Texas Instruments TMS570LS31 Datasheet HTML 10Page - Texas Instruments TMS570LS31 Datasheet HTML 11Page - Texas Instruments TMS570LS31 Datasheet HTML 12Page - Texas Instruments TMS570LS31 Datasheet HTML 13Page - Texas Instruments TMS570LS31 Datasheet HTML 14Page - Texas Instruments TMS570LS31 Datasheet HTML 15Page - Texas Instruments TMS570LS31 Datasheet HTML 16Page - Texas Instruments TMS570LS31 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
TMS570LS31 HDK User Guide
13
Texas Instruments Proprietary Information – Internal Data
ETMDATA[13]
45 46
NC
ETMDATA[14]
47 48
NC
ETMDATA[15]
49 50
NC
ETMDATA[16]
51 52
NC
ETMDATA[17]
53 54
NC
ETMDATA[18]
55 56
NC
GND
57 58
GND
NC
59 60
NC
2.2.5 J7, XDS100V2 USB JTAG Interface 
The USB connector J7 is used to connect to the host development system which
is running the software development IDE (CCS). The signals on this connector
are shown in the table below.
Table 7, J7, XDS100V2 USB JTAG Interface
Pin #
Signal Name
1
USBVDD
2
D-
3
D+
4
NC
5
USBVSS
Before the board is shipped, the FTDI port1 is configured as JTAG, and port2 is
configured as SCI. The CPLD is also programmed to route FTDI JTAG to MCU
JTAG.
The HDK features circuitry to detect the external JTAG emulator. If a device is
plugged onto the header J4 and J19, the DS1 LED will be turned on, and
XDS100V2 JTAG is disabled.
2.2.6 P1, +12V Input 
Connector P1 is the input power connector. This connector brings in +12 volts to
the HDK Board. This is a 2.5 mm. jack. The figure below shows this connector as
viewed from the card edge.
Figure 5, +12 Volt Input Jack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com