Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS31 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS570LS31
Description  TMS570LS31 Hercules ARM Safety MCU Development Kit (HDK)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS31 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS570LS31 Datasheet HTML 12Page - Texas Instruments TMS570LS31 Datasheet HTML 13Page - Texas Instruments TMS570LS31 Datasheet HTML 14Page - Texas Instruments TMS570LS31 Datasheet HTML 15Page - Texas Instruments TMS570LS31 Datasheet HTML 16Page - Texas Instruments TMS570LS31 Datasheet HTML 17Page - Texas Instruments TMS570LS31 Datasheet HTML 18Page - Texas Instruments TMS570LS31 Datasheet HTML 19Page - Texas Instruments TMS570LS31 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
TMS570LS31 HDK User Guide
16
Texas Instruments Proprietary Information – Internal Data
Signal Name
Pin#
No.
Pin#
Signal Name
ECLK
A12
3
4
B14
ERRORn
RST
5
6
M17
EMIF_CS[4]
EMIF_ADDR[21]
C17
7
8
C16
EMIF_ADDR[20]
EMIF_ADDR[19]
C15
9
10
D15
EMIF_ADDR[18]
EMIF_ADDR[17]
C14
11
12
D14
EMIF_ADDR[16]
EMIF_ADDR[15]
C13
13
14
C12
EMIF_ADDR[14]
EMIF_ADDR[13]
C11
15
16
C10
EMIF_ADDR[12]
EMIF_ADDR[11]
C9
17
18
C8
EMIF_ADDR[10]
EMIF_ADDR[9]
C7
19
20
C6
EMIF_ADDR[8]
EMIF_ADDR[7]
C5
21
22
C4
EMIF_ADDR[6]
EMIF_ADDR[5]
D9
23
24
D8
EMIF_ADDR[4]
EMIF_ADDR[3]
D7
25
26
D6
EMIF_ADDR[2]
EMIF_ADDR[1]
D5
27
28
D4
EMIF_ADDR[0]
GND
29
30
GND
EMIF_Wen
D17
31
32
K17
EMIF_CS[3]
EMIF_Oen
D12
33
34
L17
EMIF_CS[2]
EMIF_BA[1]
D16
35
36
D11
EMIF_DQMn[1]
EMIF_BA[0]
D13
37
38
D10
EMIF_DQMn[0]
GND
39
40
GND
EMIFDATA[1]
L16
41
42
K16
EMIFDATA[0]
EMIFDATA[3]
N16
43
44
M16
EMIFDATA[2]
EMIFDATA[5]
F4
45
46
E4
EMIFDATA[4]
EMIFDATA[7]
K4
47
48
G4
EMIFDATA[6]
EMIFDATA[9]
M4
49
50
L4
EMIFDATA[8]
EMIFDATA[11]
P4
51
52
N4
EMIFDATA[10]
EMIFDATA[13]
T6
53
54
T5
EMIFDATA[12]
EMIFDATA[15]
T8
55
56
T7
EMIFDATA[14]
GND
57
58
GND
SPI2_SOMI
D2
59
60
P3
EMIF_nWAIT
SPI2_SIMO
D1
61
62
D3
SPI2_CS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com