Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS31 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMS570LS31
Description  TMS570LS31 Hercules ARM Safety MCU Development Kit (HDK)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS31 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS570LS31 Datasheet HTML 15Page - Texas Instruments TMS570LS31 Datasheet HTML 16Page - Texas Instruments TMS570LS31 Datasheet HTML 17Page - Texas Instruments TMS570LS31 Datasheet HTML 18Page - Texas Instruments TMS570LS31 Datasheet HTML 19Page - Texas Instruments TMS570LS31 Datasheet HTML 20Page - Texas Instruments TMS570LS31 Datasheet HTML 21Page - Texas Instruments TMS570LS31 Datasheet HTML 22Page - Texas Instruments TMS570LS31 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
TMS570LS31 HDK User Guide
19
Texas Instruments Proprietary Information – Internal Data
D7
Bottom
NHET1[18]
White
D8
Left bottom
NHET1[29]
White
LED1 (Tri-color)
Left
NHET1[16]
NHET1[27]
NHET1[04]
Red
Blue
Green
LED2 (Tri-color)
Right
NHET1[20]
NHET1[05]
NHET1[02]
Red
Blue
Green
Table 12, Other LEDs as Indicator
Num
LED
Color
D1
nERROR
RED
D10
XDS100V2 SCI RX
Blue
D11
XDS100V2 SCI TX
Blue
D12
XDS100V2 PWRENn
Blue
D2
JTAG TDI
Blue
D9
Ethernet Speed
Blue
DS1
ARM JTAG Plugin
Blue
DS2
VCC_1V2
Blue
DS3
VCC_5V
Blue
DS4
VCC_3V3
Blue
DS5
VCC_12V
Blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com