Electronic Components Datasheet Search
  English  ▼

X  

TSC2000 Datasheet(PDF) 16 Page - Texas Instruments

Part # TSC2000
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2000 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TSC2000_08 Datasheet HTML 12Page - Texas Instruments TSC2000_08 Datasheet HTML 13Page - Texas Instruments TSC2000_08 Datasheet HTML 14Page - Texas Instruments TSC2000_08 Datasheet HTML 15Page - Texas Instruments TSC2000_08 Datasheet HTML 16Page - Texas Instruments TSC2000_08 Datasheet HTML 17Page - Texas Instruments TSC2000_08 Datasheet HTML 18Page - Texas Instruments TSC2000_08 Datasheet HTML 19Page - Texas Instruments TSC2000_08 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
16
www.ti.com
TSC2000
SBAS257
AV1
AV0
FUNCTION
0
0
None
0
1
4 Data Averages
1
0
8 Data Averages
1
1
16 Data Averages
TABLE X. A/D Conversion Averaging Control.
CL1
CL0
FUNCTION
0
0
8MHz Internal Clock Rate—8-Bit Resolution Only
0
1
4MHz Internal Clock Rate—10-Bit Resolution Only
1
0
2MHz Internal Clock Rate.
1
1
1MHz Internal Clock Rate.
TABLE XI. A/D Converter Clock Control.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DPD
X
X
X
XX
X
X
XX
X
X
X
X
X
X
TABLE XIII. D/A Converter Control Register.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
X
X
X
X
XX
X
X
XX
X
INT
DL1
DL0
PDN
RFV
TABLE XV. Reference Register.
PV2
PV1
PV0
FUNCTION
00
0
0
µs Stabilization Time
0
0
1
100
µs Stabilization Time
0
1
0
500
µs Stabilization Time
0
1
1
1ms Stabilization Time
1
0
0
5ms Stabilization Time
1
0
1
10ms Stabilization Time
1
1
0
50ms Stabilization Time
1
1
1
100ms Stabilization Time
TABLE XII. Panel Voltage Stabilization Time Control.
DPD
VALUE
DESCRIPTION
0
D/A Converter is Powered and Operational
1
D/A Converter is Powered Down
TABLE XIV. DPD Bit Operation.
INT
VALUE
DESCRIPTION
0
External Reference Selected
1
Internal Reference Selected
TABLE XVI. INT Bit Operation.
Bits[7:6]: AV1, AV0 = Converter Averaging Control. These
two bits allow you to specify the number of averages the
converter will perform, as shown in Table X. Note that when
averaging is used, the STS bit and the DAV output will
indicate that the converter is busy until all conversions
necessary for the averaging are complete. The default state
for these bits is 00, selecting no averaging. These bits are the
same whether reading or writing.
Bits[5:4]: CL1, CL0 = Conversion Clock Control. These two
bits specify the internal clock rate which the A/D converter uses
when performing a single conversion, as shown in Table XI.
These bits are the same whether reading or writing.
Bits [3:1]: PV2 – PV0 = Panel Voltage Stabilization Time
control. These bits allow you to specify a delay time from the
time a pen touch is detected to the time a conversion is
started. This allows you to select the appropriate settling time
for the touch panel used. Table XII shows the settings of
these bits. The default state is 000, indicating a 0ms stabili-
zation time. These bits are the same whether reading or
writing.
Bit 0: This bit is not used, and is a “don’t care” when writing.
It will always read as a zero.
D/A CONVERTER CONTROL REGISTER
(PAGE 1, ADDRESS 02H)
The single bit in this register controls the power down control
of the on-board D/A converter. This register is formatted as
shown in Table XIII.
Bit 15: DPD = D/A Converter Power Down. This bit controls
whether the D/A converter is powered up and operational, or
powered down. If the D/A converter is powered down, the
AOUT pin will neither sink nor source current.
REFERENCE REGISTER
(PAGE 1, ADDRESS 03H)
The TSC2000 has a register to control the operation of the
internal reference. This register is formatted as shown in
Table XV.
Bit 4: INT = Internal Reference Mode. If this bit is written to
a 1, the TSC2000 will use its internal reference; if this bit is
a zero, the part will assume an external reference is being
supplied. The default state for this bit is to select an external
reference (0). This bit is the same whether reading or writing.
Bits [3:2]: DL1, DL0 = Reference Power-Up Delay. When
the internal reference is powered up, a finite amount of time
is required for the reference to settle. If measurements are
made before the reference has settled, these measurements
will be in error. These bits allow for a delay time for measure-
ments to be made after the reference powers up, thereby
assuring that the reference has settled. Longer delays will be
necessary depending upon the capacitance present at the
REF pin (see Typical Characteristics).
See Table XVII for the delays. The default state for these bits
is 00, selecting a 0ms delay. These bits are the same
whether reading or writing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com