Electronic Components Datasheet Search
  English  ▼

X  

TSC2000 Datasheet(PDF) 30 Page - Texas Instruments

Part # TSC2000
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2000 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TSC2000_08 Datasheet HTML 26Page - Texas Instruments TSC2000_08 Datasheet HTML 27Page - Texas Instruments TSC2000_08 Datasheet HTML 28Page - Texas Instruments TSC2000_08 Datasheet HTML 29Page - Texas Instruments TSC2000_08 Datasheet HTML 30Page - Texas Instruments TSC2000_08 Datasheet HTML 31Page - Texas Instruments TSC2000_08 Datasheet HTML 32Page - Texas Instruments TSC2000_08 Datasheet HTML 33Page - Texas Instruments TSC2000_08 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
30
www.ti.com
TSC2000
SBAS257
FIGURE 21. Battery Measurement Functional Block Diagram.
FIGURE 22. VBAT1 Measurement Process.
FIGURE 23. VBAT2 Measurement Process.
Host Writes
A/D Converter
Control Register
Start Clock
Battery Input 2
Done
Yes
No
Is Data
Averaging Done
Store Battery Input 2
in BAT2 Register
Power Down
A/D Converter
Power Up
A/D Converter
Power Up Reference
Convert
Battery Input 2
Issue Data Available
Power Down Reference
Turn Off Clock
Host Writes
A/D Converter
Control Register
Start Clock
Battery Input 1
Done
Yes
No
Is Data
Averaging Done
Store Battery Input 1
in BAT1 Register
Power Down
A/D Converter
Power Up
A/D Converter
Power Up Reference
Convert
Battery Input 1
Issue Data Available
Power Down Reference
Turn Off Clock
V
DD
V
BAT1
7.5k
Ω
2.5k
Ω
DC/DC
Converter
Battery
0.5V
to
6.0V
0.125V to 1.5V
2.7V
+
OPERATION—BATTERY MEASUREMENT
An added feature of the TSC2000 is the ability to monitor the
battery voltage on the other side of a voltage regulator (DC/
DC converter), as shown in Figure 21. The VBAT1 input is
divided down by 4 so that an input range of 0.5V to 6.0V can
be measured. Because of the division by 4, this input range
would be represented as 0.125V to 1.5V to the A/D con-
verter.
The VBAT2 input is divided down by 2, so it accommodates an
input range of 0.5V to 3.0V, which is represented to the A/D
converter as 0.25V to 1.5V. This smaller divider ratio allows
for increased resolution. Note that the VBAT2 input pin can
withstand up to 6V, but this input will only provide accurate
measurements within the 0.5V to 3.0V range.
For both battery inputs, the dividers are ON only during the
sampling of the battery input, in order to minimize power
consumption.
Flowcharts which detail the process of making a battery input
reading are shown in Figures 22 and 23.
The time needed to make temperature, auxiliary, or battery
measurements is given by:
(7)
t
2.625 s + t
N
N
1
f
s
READING
REF
AVG
BITS
CONV
=µ
+
•
+
µ


44
.
where tREF is the reference delay time as given in Table XVII.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com