Electronic Components Datasheet Search
  English  ▼

X  

TSC2000 Datasheet(PDF) 22 Page - Texas Instruments

Part # TSC2000
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2000 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TSC2000_08 Datasheet HTML 18Page - Texas Instruments TSC2000_08 Datasheet HTML 19Page - Texas Instruments TSC2000_08 Datasheet HTML 20Page - Texas Instruments TSC2000_08 Datasheet HTML 21Page - Texas Instruments TSC2000_08 Datasheet HTML 22Page - Texas Instruments TSC2000_08 Datasheet HTML 23Page - Texas Instruments TSC2000_08 Datasheet HTML 24Page - Texas Instruments TSC2000_08 Datasheet HTML 25Page - Texas Instruments TSC2000_08 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
22
www.ti.com
TSC2000
SBAS257
FIGURE 11. X-, Y-, and Z-Coordinate Touch Screen Scan, Initiated by Host.
Screen
Touch
Issue Interrupt
PENIRQ
Go to Host-Controlled
Conversion
Touch Screen Scan
X, Y, and Z
Host Initiated
Done
Done
No
No
Yes
Yes
No
No
Yes
Is Data
Averaging Done
Is Screen
Touched
Is Panel Voltage
Stabilization Done
Turn On Drivers: Y+, Y–
Start Clock
Reset PENIRQ
Store Y-Coordinates in
Y-Register
Power Down A/D Converter
Power Up A/D Converter
Reset PENIRQ and
Scan Trigger
Turn Off Clock
Done
Reset PENIRQ and
Scan Trigger
Turn Off Clock
Convert Y-Coordinates
Is PSM = 1
No
Yes
No
Is Screen
Touched
Is Data
Averaging Done
No
Yes
Yes
Is Panel Voltage
Stabilization Done
Convert Z
2-Coordinates
Convert Z
1-Coordinates
Turn On Drivers: Y+, X–
Power Up A/D Converter
No
Yes
Is Data
Averaging Done
Store Z
2-Coordinates
in Z
2-Register
Store Z
1-Coordinates
in Z
1-Register
Power Down A/D Converter
Turn Off Clock
Issue Data Available
Is Screen
Touched
No
Yes
Yes
Is Panel Voltage
Stabilization Done
Convert X-Coordinates
Turn On Drivers: X+, X–
Power Up A/D Converter
No
Yes
No
Is Data
Averaging Done
Store X-Coordinates
in X-Register
Power Down A/D Converter
Done
Host Writes A/D
Converter
Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com