Electronic Components Datasheet Search
  English  ▼

X  

NTG Datasheet(PDF) 2 Page - Micro Commercial Components

Part # NTG
Description  High Accuracy NTC Thermistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

NTG Datasheet(HTML) 2 Page - Micro Commercial Components

  NTG Datasheet HTML 1Page - Micro Commercial Components NTG Datasheet HTML 2Page - Micro Commercial Components NTG Datasheet HTML 3Page - Micro Commercial Components NTG Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision: 4
2010/02/25
NTG Series
MCC
Temperature
NTG
502-32XX
NTG
502-34XX
NTG
103-35XX
NTG
103-33XX
NTG
103-39XX
NTG
403-35XX
NTG
503-40XX
NTG
104-36XX
NTG
104-41XX
℃
KΩ
KΩ
KΩ
KΩ
KΩ
KΩ
KΩ
KΩ
KΩ
Package
-50
154.5
208.6
329.2
-
40
88.85
112.86
249.6
188.4
-
30
52.85
63.73
140.0
111.3
176.98
-
20
32.43
37.40
80.36
67.74
97.10
-
10
20.48
22.72
47.73
42.45
55.35
0
13.29
14.23
29.37
27.28
32.67
115.0
167.1
301.3
340.9
10
8.839
9.181
18.68
17.96
19.91
73.87
100.5
190.1
204.0
20
6.013
6.086
12.24
12.09
12.50
48.77
62.61
123.1
125.9
30
4.179
4.132
8.221
8.313
8.049
33.00
40.07
81.71
79.77
40
2.962
2.869
5.648
5.828
5.314
22.82
26.28
55.40
51.82
50
2.138
2.032
3.958
4.161
3.589
16.10
17.69
38.32
34.47
60
1.568
1.467
2.823
3.021
2.478
11.57
12.13
27.01
23.42
70
1.169
1.073
2.047
2.229
1.745
8.460
8.498
19.39
16.27
80
0.8838
0.7959
1.506
1.669
1.252
6.281
6.051
14.15
11.52
90
0.6774
0.5975
1.124
1.266
0.9117
4.732
4.390
10.49
8.305
100
0.5267
0.4533
0.8502
0.9735
0.6739
3.613
3.226
7.870
6.092
110
0.4130
0.3514
0.6510
0.7579
0.5064
2.793
2.409
5.971
4.524
120
0.3276
0.2756
0.5046
0.5965
0.3858
2.183
1.821
4.583
3.411
130
0.2631
0.2186
0.3956
0.4750
0.2974
1.728
1.395
3.553
2.603
140
0.2131
0.1751
0.3137
0.3821
0.2321
1.379
1.081
2.784
2.008
150
0.1742
0.1418
0.2515
0.3103
0.183
1.108
0.8473
2.202
1.569
160
0.8948
0.6707
1.758
1.238
170
0.7256
0.5364
1.417
0.9878
180
0.5918
0.4331
1.151
0.7944
190
0.4862
0.9423
0.6454
200
0.4020
0.7774
0.5280
210
0.3346
0.6452
0.4349
220
0.2803
0.5406
0.3611
230
0.2362
0.4553
0.3018
240
0.2001
0.3857
0.2539
250
0.1705
0.3288
0.2149
260
0.2817
0.1831
280
300
R25
5.00K
5.00K
10.00K
10.00K
10.00K
40.00K
50.00K
100.00K
100.00K
B25/50
3275
3470
3572
3380
3950
3508
4000
3697
4100
B25/85
3324
3528
3630
3435
3983
3550
4048
3750
4140
DO-35G
TM
Micro Commercial Components
www.mccsemi.com
2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com