Electronic Components Datasheet Search
  English  ▼

X  

NTG Datasheet(PDF) 3 Page - Micro Commercial Components

Part # NTG
Description  High Accuracy NTC Thermistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

NTG Datasheet(HTML) 3 Page - Micro Commercial Components

  NTG Datasheet HTML 1Page - Micro Commercial Components NTG Datasheet HTML 2Page - Micro Commercial Components NTG Datasheet HTML 3Page - Micro Commercial Components NTG Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revision: 4
2010/02/25
NTG Series
MCC
TM
Micro Commercial Components
www.mccsemi.com
3 of 4
Type No.
NTG
XXX - XXXX X -
X X
Series name
Zero-power resistance(R25), for example:
502 ------ 5 K
503 ------ 50 K
104 ------ 100 K
B value, for example:
3850 ------ B value is 3850K
3950 ------ B value is 3950K
Type of B value, for example:
A ------ B0/50
B ------ B25/50
C ------ B25/85
Tolerance of R25, for example:
1 ------ Tolerance of R25 is 1%
5 ------ Tolerance of R25 is 5%
0 ------ Tolerance of R25 is 10%
Tolerance of B value, for example:
1 ------ Tolerance of B value is 1%
2 ------ Tolerance of B value is 2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com